Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 16 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PS501 Datasheet HTML 12Page - Microchip Technology PS501 Datasheet HTML 13Page - Microchip Technology PS501 Datasheet HTML 14Page - Microchip Technology PS501 Datasheet HTML 15Page - Microchip Technology PS501 Datasheet HTML 16Page - Microchip Technology PS501 Datasheet HTML 17Page - Microchip Technology PS501 Datasheet HTML 18Page - Microchip Technology PS501 Datasheet HTML 19Page - Microchip Technology PS501 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
PS501
DS21818C-page 16
 2004 Microchip Technology Inc.
7.0
GPIO CONFIGURATION
GPIOs can be set up to act as inputs or outputs that are
based on conditions involving SBData parameters or
GPIO levels compared to constants. This powerful pro-
gramming model allows for customizing GPIO to set on
any possible fuel gauge conditions and reset on any
other possible fuel gauge conditions in any groupings.
TABLE 7-1:
GPIO CONFIGURATIONS
GPIOs configured above as standard logic output can
be programmed to activate or reset in response to any
group of fuel gauge conditions. Each “condition” is
defined by 4 bytes.
TABLE 7-2:
GPIO CONDITIONS
Name
Length
Definition
GPIOSTATE
2
Initialized default state (positive logic)
GPIODIRECTION
2
Initialized direction:
1
= input
0
= output
GPIOCONFIG
2
GPIO configuration
Bit 8:
1
= pull-ups/downs disabled
0
= pull-downs enabled
Bits 7:0:
if input:
1
= pulled down
0
= pulled up
if output:
1
= LED drive (GPIO0-7 only)
0
= standard logic
GPIOPOLARITY
2
“Polarity” mask applied to invert positive logic
Byte
Condition
Definition
Byte 1
Flags
bit 7:
1 signifies last condition in group
bit 4:
Combination function (1:AND, 0:OR)
bit 3:
Signed (1) or unsigned (0)
bits 2:0 Comparison function (0 : >, 1 : <, 2 : =, 3 : AND, 4 : NOR)
Byte 2
Condition selection
x00-x3F – SBData command code
x40 – State flags
x41 – GPIO flags
x42 – VCELL-min
x43 – VCELL-max
x44 – VCELL-diff
x45 – Misc. flags
Byte 3
Byte 4
Condition threshold
Constant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com