Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 12 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PS501 Datasheet HTML 8Page - Microchip Technology PS501 Datasheet HTML 9Page - Microchip Technology PS501 Datasheet HTML 10Page - Microchip Technology PS501 Datasheet HTML 11Page - Microchip Technology PS501 Datasheet HTML 12Page - Microchip Technology PS501 Datasheet HTML 13Page - Microchip Technology PS501 Datasheet HTML 14Page - Microchip Technology PS501 Datasheet HTML 15Page - Microchip Technology PS501 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
PS501
DS21818C-page 12
 2004 Microchip Technology Inc.
TABLE 4-1:
V_EOD LOOK-UP TABLE
The above table is an example of the various voltage
values that will signal the shutdown points as a function
of temperature and discharge rate.
Also shown is the amount of capacity left after
shutdown that will compensate RSOC.
Table 4-2 shows the actual names of the values in the
EEPROM.
TABLE 4-2:
VALUE NAMES IN THE EEPROM
TABLE 4-3:
VALUE DEFINITIONS IN THE EEPROM
< -10°
< 0°
< 10°
< 20°
< 30°
< 40°
< 50°
> 50°
< 0.2C
V1
V2
V3
—
< 0.5C
< 0.8C
< 1.1C
< 1.4C
< 1.7C
< 2.0C
> 2.0C
—
V62
V63
V64
Capacity
20%
10%
5%
3%
0%
0%
0%
0%
TEOD(1)
TEOD(2)
TEOD(3)
TEOD(4)
TEOD(5)
TEOD(6)
TEOD(7)
TEOD(8)
CEOD(1)
VEOD1(1)
VEOD1(2)
VEOD1(3)
VEOD1(4)
VEOD1(5)
VEOD1(6)
VEOD1(7)
VEOD1(8)
CEOD(2)
VEOD2(1)
VEOD2(2)
VEOD2(3)
VEOD2(4)
VEOD2(5)
VEOD2(6)
VEOD2(7)
VEOD2(8)
CEOD(3)
VEOD3(1)
VEOD3(2)
VEOD3(3)
VEOD3(4)
VEOD3(5)
VEOD3(6)
VEOD3(7)
VEOD3(8)
CEOD(4)
VEOD4(1)
VEOD4(2)
VEOD4(3)
VEOD4(4)
VEOD4(5)
VEOD4(6)
VEOD4(7)
VEOD4(8)
CEOD(5)
VEOD5(1)
VEOD5(2)
VEOD5(3)
VEOD5(4)
VEOD5(5)
VEOD5(6)
VEOD5(7)
VEOD5(8)
CEOD(6)
VEOD6(1)
VEOD6(2)
VEOD6(3)
VEOD6(4)
VEOD6(5)
VEOD6(6)
VEOD6(7)
VEOD6(8)
CEOD(7)
VEOD7(1)
VEOD7(2)
VEOD7(3)
VEOD7(4)
VEOD7(5)
VEOD7(6)
VEOD7(7)
VEOD7(8)
CEOD(8)
VEOD8(1)
VEOD8(2)
VEOD8(3)
VEOD8(4)
VEOD8(5)
VEOD8(6)
VEOD8(7)
VEOD8(8)
FCCP(1)
FCCP(2)
FCCP(3)
FCCP(4)
FCCP(5)
FCCP(6)
FCCP(7)
FCCP(8)
TEOD 8 coded bytes
typ: 5, 20, 35, 50, 80, 113, 150, 150
Range: 1-255 per byte
EOD Temperature boundaries, 8 increasing values of temperature coded as TEODx = (Tcelsius * 10 + 200)/4
CEOD 8 coded bytes
typ: 19, 32, 48, 64, 77, 90, 109,1 09
Range: 1-255
EOC C-rate boundaries, 8 increasing values of C-rates coded:
CEODx = C-rate * (256/28/RF), where RF is the Rate Factor (RFACTOR) OTP EPROM parameter.
For RF = 7, CEODx = C-rate * 64. Thus, a value of 32 is one-half C, etc.
FCCP coded %
typ: 50, 25, 12, 8, 0, 0, 0
Range: 1-255
Unusable residual capacity before save to disk, corresponding to temperature, 255 = 100%
VEOD coded
typ: 75
Range: 1-255
End-Of-Discharge voltage, voltage = 2700 + 4 * VEOD. Cell voltage at which save to disk is signaled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com