Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 30 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PS501 Datasheet HTML 26Page - Microchip Technology PS501 Datasheet HTML 27Page - Microchip Technology PS501 Datasheet HTML 28Page - Microchip Technology PS501 Datasheet HTML 29Page - Microchip Technology PS501 Datasheet HTML 30Page - Microchip Technology PS501 Datasheet HTML 31Page - Microchip Technology PS501 Datasheet HTML 32Page - Microchip Technology PS501 Datasheet HTML 33Page - Microchip Technology PS501 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
PS501
DS21818C-page 30
 2004 Microchip Technology Inc.
TABLE 9-5:
PS501 SETTINGS
Parameter
Name
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Operational Description
AOMInt
1
0
255
60
The frequency of the auto-offset calibration cycle.
ConfigEOC
1
0
255
b01101001 Bit coded as follows:
Bit
Function
7
EOC on charge timer
6EOC on TCAVolt
5
Limit remcap to FCC
4
Set overcharge alarm at EOC
3
Load capacity with FCC at EOC
2
Trigger EOC on RSOC > SOCThreshold
1
Trigger EOC on average current
0
Trigger EOC on taper current
ConfigEOD
1
0
255
b01111000 Bit coded as follows:
Bit
Function
7
Evaluate EOD1 on fixed voltage (else table)
6
Set fully discharged bit on EOD1
5
Set capacity to residual capacity value immediately
upon EOD1 (EOD1Voltage or LUT voltage)
4
Set terminate discharge alarm on EOD1
(EOD1Voltage or LUT voltage)
3
Learn FCC at EOD1 (EOD1Voltage or LUT voltage)
2
TDA alarm at EOD2 (Vempty)
1
Set capacity to zero at EOD2 (Vempty)
0
Do not allow capacity to drop below EOD1Cap
ConfigCAP
1
0
255
11010100 Bit
Function
7
Compensate remcap – the displayed remcap
actually equals FCC minus capacity used, minus
residual capacity due to temperature. remcap is
compensated for temperature.
6
Remcap decrease only – when compensating, if
temperature changed causing a decrease in residual
capacity, do not let remcap rise to reflect this.
Instead, hold it steady until discharge catches up.
This is so user does not see capacity increase while
discharging (though usable capacity may increase if
the temperature changes, user would be confused).
5
Use compensated FCC – use compensated FCC
to compute RSOC. Allows compensated RSOC to
equal 100% at full charge (delete).
4
Limit RSOC to 99% until EOC.
3
Report compensated FCC – the compensated FCC
is reported in SBData to allow for externally
calculated RSOC (delete).
2
Set capacity to positive immediately upon
charging. If discharged below zero, this allows
capacity to count up immediately upon charging.
1
Learn unconditionally – relearn FCC no matter
what. Typically we have a max. current and a max.
error limitation on relearn. This would take away
the limitations. Typically used for testing only.
0
Self-discharge disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com