Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS501 Datasheet(PDF) 18 Page - Microchip Technology

Part # PS501
Description  Single Chip Field Reprogrammable Battery Manager
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS501 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PS501 Datasheet HTML 14Page - Microchip Technology PS501 Datasheet HTML 15Page - Microchip Technology PS501 Datasheet HTML 16Page - Microchip Technology PS501 Datasheet HTML 17Page - Microchip Technology PS501 Datasheet HTML 18Page - Microchip Technology PS501 Datasheet HTML 19Page - Microchip Technology PS501 Datasheet HTML 20Page - Microchip Technology PS501 Datasheet HTML 21Page - Microchip Technology PS501 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
PS501
DS21818C-page 18
 2004 Microchip Technology Inc.
7.1
LED Parameters
When configured as LED drivers, the following
parameters determine the State-Of-Charge at which
each LED will turn on.
TABLE 7-5:
LED PARAMETERS
SAFE_TIMER_LIMIT_2
1
SAFE_TIMER_LIMIT_3
1
SAFE_TIMER_LIMIT_4
1
SAFE_TIMER_LIMIT_5
1
SAFE_TIMER_LIMIT_6
1
SAFE_TIMER_LIMIT_7
1
SAFE_TIMER_LIMIT_8
1
SAFE_TIMER_LIMIT_9
1
SAFE_TIMER_LIMIT_10
1
SAFE_TIMER_LIMIT_11
1
SAFE_TIMER_LIMIT_12
1
SAFE_TIMER_LIMIT_13
1
SAFE_TIMER_LIMIT_14
1
SAFE_TIMER_LIMIT_15
1
SAFE_FLAG_COUNT
1
Number of CSF(s) to process, 0-16 (there must be 2 condition groups (CGs) per CSF)
SAFE_CONDITION
4
Condition (start of table)
. . .
4
Condition
SAFE_CONDITION
4
Condition (end of table)
TABLE 7-4:
PARAMETERS (CONTINUED)
Name
Length
Description
Name
Length
Definition
LED_MASK
1
Mask defining GPIO(s) used for LED display(s) (1 = LED)
LED_VALUE_0
1
GPIO 0 SOC value (SOC >= LED_VALUE, LED = on)
LED_VALUE_1
1
GPIO 1 SOC value (SOC >= LED_VALUE, LED = on)
LED_VALUE_2
1
GPIO 2 SOC value (SOC >= LED_VALUE, LED = on)
LED_VALUE_3
1
GPIO 3 SOC value (SOC >= LED_VALUE, LED = on)
LED_VALUE_4
1
GPIO 4 SOC value (SOC >= LED_VALUE, LED = on)
LED_VALUE_5
1
GPIO 5 SOC value (SOC >= LED_VALUE, LED = on)
LED_VALUE_6
1
GPIO 6 SOC value (SOC >= LED_VALUE, LED = on)
LED_VALUE_7
1
GPIO 7 SOC value (SOC >= LED_VALUE, LED = on)
LED_ICHG
2
Current threshold for LED display
LED_DUTYCYCLE
1
Duty cycle of LED drivers
GPIO_SWITCHMASK
2
Mask for switch input(s). If switch is active-high, all bits are ‘0’ except switch
pin. If switch is active-low, all bits are ‘1’ except switch pin.
LED_DISPLAY_TIME
1
Number of 500 ms periods LEDs are lit after switch press



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com