Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 10Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 11Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 12Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 13Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 14Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 15Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 16Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 17Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
14
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
2.2 10/100Mbps Twisted-Pair Interface Pins Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
TPIP
I
70
Received Data. Positive differential received 125M baud MLT3 or
10M baud Manchester data from magnetic.
TPIN
I
71
Received Data. Negative differential received 125M baud MLT3 or
10M baud Manchester data from magnetic.
TPOP
O
88
Transmit Data. Positive differential transmit 125M baud MLT3 or 10M
baud Manchester data to magnetic.
TPON
O
87
Transmit Data. Negative differential transmit 125M baud MLT3 or
10M baud Manchester data to magnetic.
REXT10
O
84
No connection
REXT100
I/PD
83
Keep this pin floating or pull down
REXTBS
I
74
External Bias Resistor. Band Gap Reference for the Receive Channel.
Connect this signal to a 24.9k-ohm +/- 1 percent resistor to ground.
TAB - 2 10/100Mbps Twisted-Pair Interfaces pins group
2.3 Built-in PHY LED Indicator Pins Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
I_ACT
or
I_FULL/COL
O
62
Active Status: When I_OP is logic 1. If there is activity, transmit or
receive, on the line occurred, the output will be blinking.
Full-Duplex/Collision Status. When I_OP is logic 0. If this signal is
low, it indicates full-duplex link established, and if it is high, then the
link is in half-duplex mode. When in half-duplex and collision
occurrence, the output will be blinking. (Current sink capacity is 8mA)
I_SPEED
O
61
Speed Status: If this signal is low, it indicates 100Mbps, and if it is high,
then the speed is 10Mbps. (Current sink capacity is 8mA)
This pin will be hold on previous state when loss link.
I_LINK
or
I_LK/ACT
O
60
Link Status: When I_OP is logic 1. If this signal is low, it indicates link,
and if it is high, then the link is fail.
Link Status/Active: When I_OP is logic 0. If this signal is low, it
indicates link, and if it is high, then the link is fail. When in link status
and line activity occurrence, the output will be blinking. (Current sink
capacity is 8mA)
TAB - 3 Built-in PHY LED indicator pins group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com