Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 51 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 51 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 47Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 48Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 49Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 50Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 54Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 55Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
51
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
7.4 A.C. Timing Characteristics
7.4.1 XTAL / CLOCK
LCLK/XTALIN
Tr
Tf
Tlow
CLKO
Tod
Symbol
Description
Min
Typ.
Max
Units
Tcyc
CYCLE TIME
40
ns
Thigh
CLK HIGH TIME
16
20
24
ns
Tlow
CLK LOW TIME
16
20
24
ns
Tr/Tf
CLK SLEW RATE
1
-
4
ns
7.4.2 Reset Timing
LCLK/XTALIN
RESET
Symbol
Description
Min
Typ.
Max
Units
Trst
Reset pulse width
100
-
-
LCLK
Tcyc
Thigh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com