Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 44 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 44 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 40Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 41Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 42Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 43Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 44Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 45Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 46Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 47Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 48Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
44
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
5.2.2 MR1 – Status Register Bit Descriptions
FIELD
TYPE
DESCRIPTION
1.15 (T4ABLE)
R
100Base-T4 Ability. This bit will always be a 0.
0: Not able.
1: Able.
1.14 (TXFULDUP)
R
100Base-TX Full-Duplex Ability. This bit will always be a 1.
0: Not able.
1: Able.
1.13 (TXHAFDUP)
R
100Base-TX Half-Duplex Ability. This bit will always be a 1.
0: Not able.
1: Able.
1.12 (ENFULDUP)
R
10Base-T Full-Duplex Ability. This bit will always be a 1.
0: Not able.
1: Able.
1.11 (ENHAFDUP)
R
10Base-T Half-Duplex Ability. This bit will always be a 1.
0: Not able.
1: Able.
1.10:7 (RESERVED)
R
Reserved. All bits will read as a 0.
1.6 (NO_PA_OK)
R
Suppress Preamble.
0 = AX88796A only accepts MII management frames without preamble
suppressed.
1.5 (NWAYDONE)
R
Autonegotiation Complete. When this bit is a 1, it indicates the
autonegotiation process has been completed. The contents of registers MR4,
MR5, MR6, and MR7 are now valid. The default value is a 0. This bit is reset
when autonegotiation is started.
1.4 (REM_FLT)
R
Remote Fault. When this bit is a 1, it indicates a remote fault has been
detected. This bit will remain set until cleared by reading the register. The
default is a 0.
1.3 (NWAYABLE)
R
Autonegotiation Ability. When this bit is a 1, it indicates the ability to
perform autonegotiation. The value of this bit is always a 1.
1.2 (LSTAT_OK)
R
Link Status. When this bit is a 1, it indicates a valid link has been
established. This bit has a latching function: a link failure will cause the bit to
clear and stay cleared until it has been read via the management interface.
1.1 (JABBER)
R
Jabber Detect. This bit will be a 1 whenever a jabber condition is detected.
It will remain set until it is read, and the jabber condition no longer exists.
1.0 (EXT_ABLE)
R
Extended Capability. This bit indicates that the PHY supports the extended
register set (MR2 and beyond). It will always read a 1.
5.2.3 MR2, MR3 – Identification Registers (1 and 2) Bit Descriptions
FIELD
TYPE
DESCRIPTION
2.15:0 (OUI[3:18])
R
Organizationally Unique Identifier. The third through the twenty-fourth
bit of the OUI assigned to the PHY manufacturer by the IEEE are to be
placed in bits. 2.15:0 and 3.15:10. This value is programmable.
Default value: 16’h003b.
3.15:10 (OUI[19:24])
R
Organizationally Unique Identifier. The remaining 6 bits of the OUI. The
value for bits 24:19 is programmable.
Default value: 6’h06.
3.9:4 (MODEL[5:0])
R
Model Number. 6-bit model number of the device. The model number is
programmable.
Default value: 6’h02.
3.3:0 (VERSION[3:0])
R
Revision Number. The value of the present revision number. The version
number is programmable.
Default value: 4’h1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com