Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 35Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 36Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 37Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 38Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 39Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 40Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 41Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 42Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 43Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
39
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
5.1.6 Transmit Status Register (TSR) Offset 04H (Read)
FIELD
NAME
DESCRIPTION
7
OWC
Out of window collision
6:4
-
Reserved
3
ABT
Transmit Aborted
Indicates the AX88796A aborted transmission because of excessive collision.
2
COL
Transmit Collided
Indicates that the transmission collided at least once with another station on the network.
1
-
Reserved
0
PTX
Packet Transmitted
Indicates transmission without error.
5.1.7 Receive Configuration (RCR) Offset 0CH (Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6
INTT
Interrupt Trigger Mode for ISA and 80186 modes
0: Low active
1: High active (default)
Interrupt Trigger Mode for MCS-51 and MC68K modes
0: High active
1: Low active (default)
5
MON
Monitor Mode
0: Normal Operation
1: Monitor Mode, the input packet will be checked on NODE ADDRESS and CRC but not
buffered into memory.
4
PRO
PRO: Promiscuous Mode
Enable the receiver to accept all packets with a physical address.
3
AM
AM: Accept Multicast
Enable the receiver to accept packets with a multicast address. That multicast address must
pass the hashing array.
2
AB
AB: Accept Broadcast
Enable the receiver to accept broadcast packet.
1
AR
AR: Accept Runt
Enable the receiver to accept runt packet.
0
SEP
SEP: Save Error Packet
Enable the receiver to accept and save packets with error.
5.1.8 Receive Status Register (RSR) Offset 0CH (Read)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6
DIS
Receiver Disabled
5
PHY
Multicast Address Received.
4
MPA
Missed Packet
3
FO
FIFO Overrun
2
FAE
Frame alignment error.
1
CR
CRC error.
0
PRX
Packet Received Intact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com