Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 22Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 23Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 24Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 25Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 26Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 27Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 28Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 29Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
26
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
the next buffer is performed.
LINKING BUFFERS
Before the DMA can enter the next contiguous 256 bytes buffer, the address is checked for equality to PSTOP
and to the Boundary Pointer. If neither is reached, the DMA is allowed to use the next buffer.
BUFFER RING OVERFLOW
If the Buffer Ring has been filled and the DMA reaches the Boundary Pointer Address, reception of the
incoming packet will be aborted by the AX88796A. Thus, the packets previously received and still contained
in the Ring will not be destroyed. In a heavily loaded network environment the local DMA may be disabled,
preventing the AX88796A from buffering packets from the network. To guarantee this will not happen, a
software reset must be issued during all Receive Buffer Ring over flows (indicated by the OVW bit in the
Interrupt Status Register). The following procedure is required to recover from a Receiver Buffer Ring
Overflow. If this routine is not adhered to, the AX88796A may act in an unpredictable manner. It should also
be noted that it is not permissible to service an overflow interrupt by continuing to empty packets from the
receive buffer without implementing the prescribed overflow routine.
Note: It is necessary to define a variable in the driver, which will be called ``Resend’’.
1. Read and stores the value of the TXP bit in the AX88796A’s Command Register.
2. Issue the STOP command to the AX88796A. This is accomplished be setting the STP bit in the
AX88796A’s Command Register. Writing 21H to the Command Register will stop the AX88796A.
3. Wait for at least 1.5 ms. Since the AX88796A will complete any transmission or reception that is in
progress, it is necessary to time out for the maximum possible duration of an Ethernet transmission or
reception. By waiting 1.5 ms this is achieved with some guard band added. Previously, it was
recommended that the RST bit of the Interrupt Status Register be polled to insure that the pending
transmission or reception is completed. This bit is not a reliable indicator and subsequently should be
ignored.
4. Clear the AX88796A’s Remote Byte Count registers (RBCR0 and RBCR1).
5. Read the stored value of the TXP bit from step 1, above. If this value is a 0, set the ``Resend’’ variable to a
0 and jump to step 6. If this value is a 1, read the AX88796A’s Interrupt Status Register. If either the
Packet Transmitted bit (PTX) or Transmit Error bit (TXE) is set to a 1, set the ``Resend’’ variable to a 0
and jump to step 6. If neither of these bits is set, place a 1 in the ``Resend’’ variable and jump to step 6.
This step determines if there was a transmission in progress when the stop command was issued in step 2.
If there was a transmission in progress, the AX88796A’s ISR is read to determine whether or not the
packet was recognized by the AX88796A. If neither the PTX nor TXE bit was set, then the packet will
essentially be lost and retransmitted only after a time-out takes place in the upper level software. By
determining that the packet was lost at the driver level, a transmit command can be reissued to the
AX88796A once the overflow routine is completed (as in step 11). Also, it is possible for the AX88796A
to defer indefinitely, when it is stopped on a busy network. Step 5 also alleviates this problem. Step 5 is
essential and should not be omitted from the overflow routine, in order for the AX88796A to operate
correctly.
6. Place the AX88796A in mode 1 loopback. This can be accomplished by setting bits D2 and D1, of the
Transmit Configuration Register to ``0,1’’.
7. Issue the START command to the AX88796A. This can be accomplished by writing 22H to the Command
Register. This is necessary to activate the AX88796A’s Remote DMA channel.
8. Remove one or more packets from the receive buffering.
9. Reset the overwrite warning (OVW, overflow) bit in the Interrupt Status Register.
10.Take the AX88796A out of loopback. Writing the Transmit Configuration Register with the value it
contains during normal operation does this. (Bits D2 and D1 should both be programmed to 0.)
11.If the ``Resend’’ variable is set to a 1, reset the ``Resend’’ variable and reissue the transmit command.
Writing a value of 26H to the Command Register does this. If the ``Resend’’ variable is 0, nothing needs to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com