Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 28 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 28 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 24Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 25Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 26Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 27Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 28Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 29Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 30Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 31Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 32Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
28
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
4.2.2
Packet Transmission
The Local DMA Read is also used during transmission of a packet. Three registers control the DMA transfer
during transmission, a Transmit Page Start Address Register (TPSR) and the Transmit Byte Count Registers
(TBCR0, 1). When the AX88796A receives a command to transmit the packet pointed to by these registers,
buffer memory data will be moved into the FIFO as required during transmission. The AX88796A Controller
will generate and append the preamble, synch and CRC fields.
TRANSMIT PACKET ASSEMBLY
The AX88796A requires a contiguous assembled packet with the format shown. The transmit byte count
includes the Destination Address, Source Address, Length Field and Data. It does not include preamble and
CRC. When transmitting data smaller than 46 bytes, the packet must be padded to a minimum size of 64 bytes.
The programmer is responsible for adding and stripping pad bytes. The packets are placed in the buffer RAM
by the system. System programs the AX88796A Core’s Remote DMA to move the data from the data port to
the RAM handshaking with system transfers loading the I/O data port.
The data transfer must be 16 bits (1 word) when in 16-bit mode, and 8 bits when the AX88796A Controller is
set in 8-bit mode. The data width is selected by setting the WTS bit in the Data Configuration Register and
setting the CPU[1:0] pins for ISA, 80186 or MC68K mode.
Destination Address
6 Bytes
Source Address
6 Bytes
Length / Type
2 Bytes
Data
(Pad if < 46 Bytes)
46 Bytes
Min.
General Transmit Packet Format
TRANSMISSION
Prior to transmission, the TPSR (Transmit Page Start Register) and TBCR0, TBCR1 (Transmit Byte Count
Registers) must be initialized. To initiate transmission of the packet the TXP bit in the Command Register is
set. The Transmit Status Register (TSR) is cleared and the AX88796A begins to prefetch transmit data from
memory. If the Interpacket Gap (IPG) has timed out the AX88796A will begin transmission.
CONDITIONS REQUIRED TO BEGIN TRANSMISSION
In order to transmit a packet, the following three conditions must be met:
1. The Interpacket Gap Timer has timed out.
2. At least one byte has entered the FIFO. (This indicates that the burst transfer has been started).
3. If a collision had been detected then before transmission the packet backoff time must have timed out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com