Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 31Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 32Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 33Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 34Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 35Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 36Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 37Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 38Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 39Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
35
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
5.0 Registers Operation
5.1 MAC Core Registers
All registers of MAC Core are 8-bit wide and mapped into pages, which are selected by PS (Page Select) in
the Command Register.
PAGE 0 (PS1=0,PS0=0)
OFFSET
READ
WRITE
00H
Command Register
(CR)
Command Register
(CR)
01H
Page Start Register
(PSTART)
Page Start Register
(PSTART)
02H
Page Stop Register
(PSTOP)
Page Stop Register
(PSTOP)
03H
Boundary Pointer
(BNRY)
Boundary Pointer
(BNRY)
04H
Transmit Status Register
(TSR)
Transmit Page Start Address
(TPSR)
05H
Number of Collisions Register
(NCR)
Transmit Byte Count Register 0
(TBCR0)
06H
Current Page Register
(CPR)
Transmit Byte Count Register 1
(TBCR1)
07H
Interrupt Status Register
(ISR)
Interrupt Status Register
(ISR)
08H
Current Remote DMA Address 0
(CRDA0)
Remote Start Address Register 0
(RSAR0)
09H
Current Remote DMA Address 1
(CRDA1)
Remote Start Address Register 1
(RSAR1)
0AH
Reserved
Remote Byte Count 0
(RBCR0)
0BH
Reserved
Remote Byte Count 1
(RBCR1)
0CH
Receive Status Register
(RSR)
Receive Configuration Register
(RCR)
0DH
Reserved
Transmit Configuration Register (TCR)
0EH
CRC error counter
Data Configuration Register
(DCR)
0FH
Missed packet counter
Interrupt Mask Register
(IMR)
10H, 11H
Data Port
Data Port
12H
IFGS1
IFGS1
13H
IFGS2
IFGS2
14H
MII/EEPROM Access
MII/EEPROM Access
15H
Test Register
Test Register
16H
Inter-frame Gap (IFG)
Inter-frame Gap (IFG)
17H
GPI
GPOC
18H – 1AH
Standard Printer Port (SPP)
Standard Printer Port (SPP)
1BH – 1EH
Reserved
Reserved
1FH
Reset
Reserved
TAB - 15
Page 0 of MAC Core Registers Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com