Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 54 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 54 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 50Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 51Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 52Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 53Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 54Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 55Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 56Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 57Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 58Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
54
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
7.4.4 80186 Type I/O Access Timing
Read cycle:
Tsu(A)
Th(A)
/BHE
SA[9:0],/CS
Tv(RDY)
Tdis(RDY)
RDY *1
/IORD
Read Data
SD[15:0](Dout)
DATA Valid
Symbol
Description
Min
Typ.
Max
Units
Tsu(A)
ADDRESS SETUP TIME
0
-
-
ns
Th(A)
ADDRESS HOLD TIME
0
-
-
ns
Tv(RDY)
RDY VALID FROM SA,/CS AND /BHE
-
-
15
ns
Tdis(RDY)
RDY DISABLE FROM SA[9:0]=310 VALID, /CS
AND /BHE
0
-
-
ns
Ten(RD)
OUTPUT ENABLE TIME FROM /IORD
-
-
20
ns
Tdis(RD)
OUTPUT DISABLE TIME FROM /IORD
3
-
7
ns
Tiord
IORD LOW WIDTH TIME
1.5
-
-
LCLK
Tidle
IORD HI REQUIRE TIME
1.5 (*)
-
-
LCLK
(*) Reference Notic of AX88796A item 3
Tdis(RD)
Tidle
Tiord
Z-pull up
Z-pull up
Ten(RD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com