Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 2Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 3Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 4Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 5Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 6Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 7Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 8Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 9Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
6
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
1.0 Introduction
1.1 General Description:
The AX88796A provides industrial standard NE2000 registers level compatible instruction set. Various drivers are easy
acquired, maintenance and usage. No much additional effort to be paid. Software is easily port to various embedded
systems with no pain and tears
The AX88796A Fast Ethernet Controller is a high performance and highly integrated local CPU bus Ethernet Controller
with embedded 10/100Mbps PHY/Transceiver and 8K*16 bit SRAM. The AX88796A supports both 8 bit and 16 bit local
CPU interfaces include MCS-51 series, 80186 series, and MC68K series CPU and ISA bus. The AX88796A implements
both 10Mbps and 100Mbps Ethernet function based on IEEE802.3 / IEEE802.3u LAN standard. The AX88796A also
provides an extra IEEE802.3u compliant media-independent interface (MII) to support other media applications. Using
MII interface, Home LAN PHY type media can be supported.
As well as, the chip also provides optional Standard Print Port (parallel port interface), can be used for printer server device
or treat as simple general I/O port. The chip also support up to 3/1 additional General Purpose In/Out pins
The main difference between AX88796A and AX88796 are listed at notice of AX88796A.
AX88796A use 128-pin LQFP low profile package, 25MHz operation, and single 3.3V operation with 5V I/O tolerance.
1.2 AX88796A Block Diagram:
Fig - 1
AX88796A Block Diagram
MAC
Core
&
PHY+
Tranceiver
8K* 16 SRAM
and Memory Arbiter
Remote
DMA
FIFOs
NE2000
Registers
Host Interface
STA
SEEPROM
I/F
SD[15:0]
SA[9:0]
Ctl BUS
MII I/F
EECS
EECK
EEDI
EEDO
TPI, TPO
SPP
/ GPIO
Print Port
or
General
I/O
SMDC
SMDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com