Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 23 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 23 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 19Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 20Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 21Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 22Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 23Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 24Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 25Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 26Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 27Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
23
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
4.1.3 Broadcast Address Match Filter
The Broadcast check logic compares the Destination Address Field (first 6 bytes of the received packet) to all 1’s, which is
the values are “FF FF FF FF FF FF FF” in Hex format. If any bit of the six bytes does not equal to 1’s, the Protocol Control
Logic rejects the packet.
4.1.4 Aggregate Address Filter with Receive Configuration Setup
The final address filter decision depends on the destination address types, identified by the above 3 address
match filters, and the setup of parameters of Receive Configuration Register.
Definitions of address match filter result are as following:
Signal
Value
Description
Phy
=1
Unicast Address Match
=0
Unicast Address not Match
Mul
=1
Multicast Address Match
=0
Multicast Address not Match
Bro
=1
Broadcast Address Match
=0
Broadcast Address not Match
AGG
=1
Aggregate Address Match
=0
Aggregate Address not Match
The meaning of AB, AM and PRO signals, please refer to “Receive Configuration Register”
Aggregate Address Filter function will be:
AGG
Bro
AB
/Bro
/Mul
PRO
/Bro
Mul
AM
Phy
AND
Logic
AND
Logic
AND
Logic
OR
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com