Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88796ALF Datasheet HTML 1Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 2Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 3Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 4Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 5Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 6Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 7Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 8Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
ASIX ELECTRONICS CORPORATION
Release Date: 06/25/2013
4F, NO.8, Hsin Ann Rd., Hsinchu Science Park, Hsin-Chu City, Taiwan, R.O.C. 300
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
1
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller
with Embedded SRAM
Document No.: AX88796A/V1.16/06/25/13
Features
Highly integrated with embedded 10/100Mbps
MAC, PHY and Transceiver
Embedded 8K * 16 bit SRAM
Compliant
with
IEEE
802.3/802.3u
100BASE-TX specification
NE2000 register level compatible instruction
Single chip local CPU bus 10/100Mbps Fast
Ethernet MAC Controller
Support both 8 bit and 16 bit local CPU
interfaces include MCS-51 series, 80186 series,
MC68K series CPU and ISA bus
Support both 10Mbps and 100Mbps data rate
Support
both
full-duplex
or
half-duplex
operation
Provides an extra MII port for supporting other
media. For example, Home LAN application
Support EEPROM interface to store MAC
address
External and internal loop-back capability
Support Standard Print Port for printer server
application
Support up to 3/1 General Purpose In/Out pins
128-pin LQFP low profile package
0.25 Micron low power CMOS process. 25MHz
Operation, Pure 3.3V operation with 5V I/O
tolerance.
RoHS compliant package
*IEEE is a registered trademark of the Institute of
Electrical and Electronic Engineers, Inc.
*All other trademarks and registered trademark are
the property of their respective holders.
Product description
The AX88796A Fast Ethernet Controller is a high performance and highly integrated local CPU bus Ethernet Controller
with embedded 10/100Mbps PHY/Transceiver and 8K*16 bit SRAM. The AX88796A supports both 8 bit and 16 bit local
CPU interfaces include MCS-51 series, 80186 series, and MC68K series CPU and ISA bus. The AX88796A implements
both 10Mbps and 100Mbps Ethernet function based on IEEE802.3 / IEEE802.3u LAN standard. The AX88796A also
provides an extra IEEE802.3u compliant media-independent interface (MII) to support other media applications. Using
MII interface, Home LAN PHY type media can be supported.
As well as, the chip also provides optional Standard Print Port (parallel port interface), can be used for printer server device
or treat as simple general I/O port.
System Block Diagram
AX88796A
With
10/100 Mbps
PHY/TxRx
8bit / 16bit
non-PCI bus
RJ45
Optional
Home LAN
PHY
RJ11
Optional Print Port
Or General I/O Ports
51 series
/
186 bus
series
/
68K bus
series
/
ISA bus


Similar Part No. - AX88796ALF

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88796 ASIX-AX88796 Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
AX88796BLF ASIX-AX88796BLF Datasheet
604Kb / 82P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88796BLI ASIX-AX88796BLI Datasheet
604Kb / 82P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88796C ASIX-AX88796C Datasheet
101Kb / 2P
Low-Power SPI or Non-PCI Ethernet Controller
AX88796L ASIX-AX88796L Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
More results

Similar Description - AX88796ALF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
logo
ASIX Electronics Corpor...
AX88196L ASIX-AX88196L Datasheet
594Kb / 42P
10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
AX88796L ASIX-AX88796L Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
logo
Winbond
W89C841F WINBOND-W89C841F Datasheet
1Mb / 102P
3-IN - 1 10/100M FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
ADM9511 ETC-ADM9511 Datasheet
832Kb / 125P
LAN/Modem Controller with Embedded Fast Ethernet PHY
logo
ASIX Electronics Corpor...
AX88141 ASIX-AX88141 Datasheet
297Kb / 43P
100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
AX88195P ASIX-AX88195P Datasheet
510Kb / 37P
10/100BASE Local CPU Bus Fast Ethernet MAC Controller
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88790L ASIX-AX88790L Datasheet
646Kb / 60P
10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
AX88190AL ASIX-AX88190AL Datasheet
643Kb / 49P
10/100BASE PCMCIA Fast Ethernet MAC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com