Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 45 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 45 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 41Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 42Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 43Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 44Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 45Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 46Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 47Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 48Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 49Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
45
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
5.2.4 MR4 – Autonegotiation Advertisement Registers Bit Descriptions
FIELD
TYPE
DESCRIPTION
4.15 (NEXT_PAGE)
R/W
Next Page. Setting this bit to a 1 activates the next page function. This will
allow the exchange of additional data. Data is carried by optional next pages
of information.
4.14 (ACK)
R/W
Acknowledge. This bit is the acknowledge bit from the link code word.
4.13 (REM_FAULT)
R/W
Remote Fault. When set to 1, the PHY indicates to the link partner a remote
fault condition.
4.12:10 (PAUSE)
R/W
Pause. When set to a 1, it indicates that the PHY wishes to exchange flow
control information with its link partner.
4.9 (100BASET4)
R/W
100Base-T4. This bit should always be set to 0.
4.8 (100BASET_FD)
R/W
100Base-TX Full Duplex. If written to 1, autonegotiation will advertise that
the PHY is capable of 100Base-TX full-duplex operation.
4.7 (100BASETX)
R/W
100Base-TX. If written to 1, autonegotiation will advertise that the PHY is
capable of 100Base-TX operation.
4.6 (10BASET_FD)
R/W
10Base-T Full Duplex. If written to 1, autonegotiation will advertise that the
PHY is capable of 10Base-T full-duplex operation.
4.5 (10BASET)
R/W
10Base-T. If written to 1, autonegotiation will advertise that the PHY is
capable of 10Base-T operation.
4.4:0 (SELECT)
R/W
Selector Field. Reset with the value 00001 for IEEE 802.3.
5.2.5 MR5 – Autonegotiation Link Partner Ability (Base Page) Register Bit
Descriptions
FIELD
TYPE
DESCRIPTION
5.15
(LP_NEXT_PAGE)
R
Link Partner Next Page. When this bit is set to 1, it indicates that the link
partner wishes to engage in next page exchange.
5.14 (LP_ACK)
R
Link Partner Acknowledge. When this bit is set to 1, it indicates that the
link partner has successfully received at least three consecutive and
consistent FLP bursts.
5.13
(LP_REM_FAULT)
R
Remote Fault. When this bit is set to 1, it indicates that the link partner has a
fault.
5.12:5
(LP_TECH_ABILITY)
R
Technology Ability Field. This field contains the technology ability of the
link partner. These bits are similar to the bits defined for the MR4 register
(see Table 16).
5.4:0 (LP_SELECT)
R
Selector Field. This field contains the type of message sent by the link
partner. For IEEE 802.3 compliant link partners, this field should read
00001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com