Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 34 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 34 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 30Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 31Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 32Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 33Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 34Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 35Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 36Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 37Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 38Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
34
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
4.2.5
Other Useful Operations
MEMORY DIAGNOSTICS
Memory diagnostics can be achieved by Remote Write/Read DMA operations. The following is a suggested
step for memory test and assume the AX88796A has been well initialized.
1. Issue the STOP command to the AX88796A. This is accomplished be setting the STP bit in the
AX88796A’s Command Register. Writing 21H to the Command Register will stop the AX88796A.
2. Wait for at least 1.5 ms. Since the AX88796A will complete any reception that is in progress, it is necessary
to time out for the maximum possible duration of an Ethernet reception. This action prevents buffer
memory from written data through Local DMA Write.
3. Write data pattern to MUT (memory under test) by Remote DMA write operation.
4. Read data pattern from MUT (memory under test) by Remote DMA read operation.
5. Compare the read data pattern with original write data pattern and check if it is equal.
6. Repeat step 3 to step 5 with various data pattern.
LOOPBACK DIAGNOSTICS
1. Issue the STOP command to the AX88796A. This is accomplished be setting the STP bit in the
AX88796A’s Command Register. Writing 21H to the Command Register will stop the AX88796A.
2. Wait for at least 1.5 ms. Since the AX88796A will complete any reception that is in progress, it is necessary
to time out for the maximum possible duration of an Ethernet reception. This action prevents buffer
memory from written data through Local DMA Write.
3. Place the AX88796A in mode 1 loop back. (MAC internal loop back) This can be accomplished by setting
bits D2 and D1, of the Transmit Configuration Register to ``0,1’’.
4. Issue the START command to the AX88796A. This can be accomplished by writing 22H to the Command
Register. This is necessary to activate the AX88796A’s Remote DMA channel.
5. Write data that want to transmit to transmit buffer by Remote DMA write operation.
6. Issue the TXP command to the AX88796A. This can be accomplished by writing 26H to the Command
Register.
7. Read data current receive buffer by Remote DMA read operation.
8. Compare the received data with original transmit data and check if it is equal.
9. Repeat step 5 to step 8 for more packets test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com