Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 27 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 27 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 23Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 24Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 25Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 26Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 27Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 28Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 29Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 30Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 31Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
27
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
be done.
END OF PACKET OPERATIONS
At the end of the packet the AX88796A determines whether the received packet is to be accepted or rejected.
It either branch to a routine to store the Buffer Header or to another routine that recovers the buffers used to
store the packet.
SUCCESSFUL RECEPTION
If the packet is successfully received as shown, the DMA is restored to the first buffer used to store the packet
(pointed to by the Current Page Register). The DMA then stores the Receive Status, a Pointer to where the next
packet will be stored and the number of received bytes. Note that the remaining bytes in the last buffer are
discarded and reception of the next packet begins on the next empty 256 byte buffer boundary. The Current
Page Register is then initialized to the next available buffer in the Buffer Ring. (The location of the next buffer
had been previously calculated and temporarily stored in an internal scratchpad register.)
BUFFER RECOVERY FOR REJECTED PACKETS
If the packet is a runt packet or contains CRC or Frame Alignment errors, it is rejected. The buffer
management logic resets the DMA back to the first buffer page used to store the packet (pointed to by CPR),
recovering all buffers that had been used to store the rejected packet. This operation will not be performed if
the AX88796A is programmed to accept either runt packets or packets with CRC or Frame Alignment errors.
The received CRC is always stored in buffer memory after the last byte of received data for the packet.
Error Recovery
If the packet is rejected as shown, the DMA is restored by the AX88796A by reprogramming the DMA starting
address pointed to by the Current Page Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com