Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 26Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 27Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 28Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 29Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 30Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 31Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 32Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 33Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
30
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
D7
D0
Destination Address 0 (DA0)
Destination Address 1 (DA1)
Destination Address 2 (DA2)
Destination Address 3 (DA3)
Destination Address 4 (DA4)
Destination Address 5 (DA5)
Source Address 0 (SA0)
Source Address 1 (SA1)
Source Address 2 (SA2)
Source Address 3 (SA3)
Source Address 4 (SA4)
Source Address 5 (SA5)
Type / Length 0
Type / Length 1
Data 0
Data 1
…
WTS = 0 in Data Configuration Register.
This format is used with ISA, 80186 or MCS-51 Mode.
Note: All examples above will result in a transmission of a packet in order of DA0 (Destination Address 0),
DA1, DA2, DA3 . . . in byte. Bits within each byte will be transmitted least significant bit first.
4.2.3
Filling Packet to Transmit Buffer (Host fill data to memory)
The Remote DMA channel is used to both assembles packets for transmission, and to remove received packets
from the Receive Buffer Ring. It may also be used as a general-purpose slave DMA channel for moving blocks
of data or commands between host memory and local buffer memory. There are two modes of operation,
Remote Write and Remote Read Packet.
Two register pairs are used to control the Remote DMA, a Remote Start Address (RSAR0, RSAR1) and a
Remote Byte Count (RBCR0, RBCR1) register pair. The Start Address Register pair points to the beginning of
the block to be moved while the Byte Count Register pair is used to indicate the number of bytes to be
transferred. Full handshake logic is provided to move data between local buffer memory (Embedded Memory)
and a bi-directional I/O port.
REMOTE WRITE
A Remote Write transfer is used to move a block of data from the host into local buffer memory. The Remote
DMA will read data from the I/O port and sequentially write it to local buffer memory beginning at the Remote
Start Address. The DMA Address will be incremented and the Byte Counter will be decremented after each
transfer. The DMA is terminated when the Remote Byte Count Register reaches a count of zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com