Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 41 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 41 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 37Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 38Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 39Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 40Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 41Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 42Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 43Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 44Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 45Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
41
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
5.1.14 Test Register (TR) Offset 15H (Read)
FIELD
NAME
DESCRIPTION
7:4
-
Reserved
3
RST_TX
B
100BASE-TX in Reset: This signal indicates that 100BASE-TX logic of internal PHY is in
reset.
2
RST_10B 10BASE-T in Reset: This signal indicates that 10BASE-T logic of internal PHY is in reset.
1
RST_B Reset Busy: This signal indicates that internal PHY is in reset.
0
AUTOD Autonegotiation Done: This signal goes high whenever internal PHY autonegotiation has
completed. It will go low if autonegotiation has to restart.
5.1.15 General Purpose Input Register (GPI) Offset 17H (Read)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6
GPI2
This register reflects GPI[2] input value. May connect to external PHY speed status.
5
GPI1
This register reflects GPI[1] input value. May connect to external PHY duplex status.
4
GPI0
This register reflects GPI[0] input value. May connect to external PHY link status.
3
-
Reserved
2
I_SPD
This register reflects internal PHY speed status value. Logic one means 100Mbps
1
I_DPX
This register reflects internal PHY duplex status value. Logic one means full duplex.
0
I_LINK This register reflects internal PHY link status value. Logic one means link ok.
5.1.16 GPO and Control (GPOC) Offset 17H (Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6
-
Always write 0
5
MPSET Media Set by Program: The signal is valid only when MPSEL is set high.
When MPSET is logic 0, internal PHY is selected.
When MPSET is logic 1, external MII PHY is selected.
4
MPSEL Media Priority Select:
MPSEL
I_LINK
GPI0
Media Selected
0
1
0
Internal PHY
0
1
1
Internal PHY
0
0
0
External MII PHY
0
0
1
Internal PHY
1
X
X
Depend on MPSET bit
3:1
-
Reserved
0
/GPO0
Default “0”. The register reflects to GPO[0] pin with inverted value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com