Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 38 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 38 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 34Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 35Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 36Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 37Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 38Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 39Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 40Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 41Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 42Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
38
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
5.1.3 Interrupt mask register (IMR) Offset 0FH (Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6
RDCE
DMA Complete Interrupt Enable. Default “low” disabled.
5
CNTE
Counter Overflow Interrupt Enable. Default “low” disabled.
4
OVWE Overwrite Interrupt Enable. Default “low” disabled.
3
TXEE
Transmit Error Interrupt Enable. Default “low” disabled.
2
RXEE
Receive Error Interrupt Enable. Default “low” disabled.
1
PTXE
Packet Transmitted Interrupt Enable. Default “low” disabled.
0
PRXE
Packet Received Interrupt Enable. Default “low” disabled.
5.1.4 Data Configuration Register (DCR) Offset 0EH (Write)
FIELD
NAME
DESCRIPTION
7
-
Reserved
6:2
-
Reserved
1
-
Reserved
0
WTS
Word Transfer Select
0: Selects byte-wide DMA transfers.
1: Selects word-wide DMA transfers.
5.1.5 Transmit Configuration Register (TCR) Offset 0DH (Write)
FIELD
NAME
DESCRIPTION
7
FDU
Full Duplex:
This bit indicates the current media mode is Full Duplex or not. Ignore this setting when
using internal PHY. MAC duplex will be control by internal PHY duplex status.
0: Half duplex
1: Full duplex
6
PD
Pad Disable
0: Pad will be added when packet length less than 60.
1: Pad will not be added when packet length less than 60.
5
RLO
Retry of late collision
0: Don’t retransmit packet when late collision happens.
1: Retransmit packet when late collision happens.
4:3
-
Reserved
2:1
LB1, LB0 Encoded Loop-back Control
These encoded configuration bits set the type of loop-back that is to be performed.
LB1 LB0
Mode 0
0
0
Normal operation
Mode 1
0
1
Internal AX88796A loop-back
Mode 2
1
0
PHYcevisor loop-back
0
CRC
Inhibit CRC
0: CRC appended by transmitter.
1: CRC inhibited by transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com