Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 11Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 12Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 13Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 14Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 15Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 16Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 17Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 18Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
15
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
2.4 EEPROM Signals Group
SIGNAL
TYPE
PIN NO.
DESCRIPTION
EECS
O
51
EEPROM Chip Select: EEPROM chip select signal.
EECK
O/PD
50
EEPROM Clock: Signal connected to EEPROM clock pin.
EEDI
O
49
EEPROM Data In: Signal connected to EEPROM data input pin.
EEDO
I/PU
48
EEPROM Data Out: Signal connected to EEPROM data output pin.
TAB - 4 EEPROM bus interface signals group
2.5 MII Interface Signals Group (Optional)
SIGNAL
TYPE
PIN NO.
DESCRIPTION
RXD[3:0]
I/PU
98 – 95
Receive Data: RXD[3:0] is driven by the PHY synchronously with
respect to RX_CLK.
CRS
I/PD
100
Carrier Sense: Asynchronous signal CRS is asserted by the PHY when
either transmit or receive medium is non-idle.
RX_DV
I/PD
102
Receive Data Valid: RX_DV is driven by the PHY synchronously with
respect to RX_CLK. Asserted high when valid data is present on RXD
[3:0].
RX_CLK
I/PU
99
Receive Clock: RX_CLK is a continuous clock that provides the
timing reference for the transfer of the RX_DV, RXD[3:0] and RX_ER
signals from the PHY to the MII port of the repeater.
COL
I/PD
101
Collision: this signal is driven by PHY when collision is detected.
TX_EN
O
108
Transmit Enable: TX_EN is transition synchronously with respect to
the rising edge of TX_CLK. TX_EN indicates that the port is
presenting nibbles on TXD [3:0] for transmission.
TXD[3:0]
O
112 – 109
Transmit Data: TXD[3:0] is transition synchronously with respect to
the rising edge of TX_CLK. For each TX_CLK period in which
TX_EN is asserted, TXD[3:0] are accepted for transmission by the
PHY.
TX_CLK
I/PU
107
Transmit Clock: TX_CLK is a continuous clock from PHY. It provides
the timing reference for the transfer of the TX_EN and TXD[3:0]
signals from the MII port to the PHY.
MDC
O/PU
67
Station Management Data Clock: The timing reference for MDIO. All
data transfers on MDIO are synchronized to the rising edge of this
clock. The signal output reflects MDC register value. About MDC
register, please refer to MII/EEPROM Management register bit 0.
MDC clock frequency is a 2.5MHz maximum accourding to IEEE
802.3u MII specification. Acturely, many PHYs are designed to accept
higher frequency than 2.5MHz.
MDIO
I/O/PU
66
Station Management Data Input/Output: Serial data input/output
transfers from/to the PHYs. The transfer protocol has to meet the IEEE
802.3u MII specification. For more information, please refer to section
6.5 CPU Access MII Station Management functions.
TAB - 5 MII interface signals group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com