Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 43 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 43 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 39Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 40Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 41Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 42Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 43Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 44Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 45Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 46Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 47Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
43
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
5.2 The Embedded PHY Registers
The MII management 16-bit register set implemented is as follows. And the following sub-section will describes each field
of the registers. The format for the “FIELD” descriptions is as follows: the first number is the register number, the second
number is the bit position in the register and the name of the instantiated pad is in capital letters. The format for the “TYPE”
descriptions is as follows: R = read, W = write, LH = latch high, NA = not applicable.
ADDRESS
NAME
DESCRIPTION
DEFAULT (Hex Code)
0
MR0
Control
3000h
1
MR1
Status
7849h
2
MR2
PHY Identifier 1
003Bh
3
MR3
PHY Identifier 2
1821h
4
MR4
Autonegotiation Advertisement
01E1h
5
MR5
Autonegotiation Link Partner Ability
0000
6
MR6
Autonegotiation Expansion
0000
TAB - 17
The Embedded PHY Registers
5.2.1 MR0 – Control Register Bit Descriptions
FIELD
TYPE
DESCRIPTION
0.15 (SW_RESET)
R/W
Reset. Setting this bit to a 1 will reset the PHY. All registers will be set to
their default state. This bit is self-clearing. The default is 0.
0.14 (LOOPBACK)
R/W
Loopback. When this bit is set to 1, no data transmission will take place on
the media. Any receive data will be ignored. The loopback signal path will
contain all circuitry up to, but not including, the PMD. The default value is a
0.
0.13(SPEED100)
R/W
Speed Selection. The value of this bit reflects the current speed of operation
(1 = 100Mbits/s; 0 = 10Mbits/s). This bit will only affect operating speed
when the autonegotiation enable bit (register 0, bit 12) is disabled (0). This
bit is ignored when autonegotiation is enabled (register 0, bit 12). This bit is
ANDed with the SPEED_PIN signal.
0.12 (NWAY_ENA)
R/W
Autonegotiation Enable. The autonegotiation process will be enabled by
set-ting this bit to a 1. The default state is a 1.
0.11 (Reserved)
R/W
The default state is a 0. Always write 0.
0.10 (ISOLATE)
R/W
Isolate. When this bit is set to a 1, the MII outputs will be brought to the
high-impedance state. The default state is a 0.
0.9 (REDONWAY)
R/W
Restart Autonegotiation. Normally, the autonegotiation process is started
at powerup. Setting this bit to a 1 may restart the process. The default state is
a 0. The NWAYDONE bit (register 1, bit 5) is reset when this bit goes to a 1.
This bit is self-cleared when autonegotiation restarts.
0.8 (FULL_DUP)
R/W
Duplex Mode. This bit reflects the mode of operation (1 = full duplex; 0 =
half duplex). This bit is ignored when the autonegotiation enable bit (register
0, bit 12) is enabled. The default state is a 0. This bit is Ored with the F_DUP
pin.
0.7 (COLTST)
R/W
Collision Test. When this bit is set to a 1, the PHY will assert the MCOL
signal in response to MTX_EN.
0.6:0 (RESERVED)
NA
Reserved. All bits will read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com