Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 66 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 66 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 60Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 61Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 62Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 63Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 64Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 65Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 66Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 67Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 68Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
66
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
3. When /RDY not connect, following steps must include in driver when “READ” data port
a)
A minimum delay 7 LCLKs must wait between Remote DMA read command ready and 1
st data valid. Or modify
Remote DMA read command order as below. No need a minimum delay 7 LCLKs when using new remote DMA
read command order.
b)
Special restrictions on back-to-back read/write cycle if /RDY did not connect to CPU
The host processor (CPU) is required to wait the specified period of time behind some special register access.
Performing “dummy” reads of “Reserved” register (such as offset 1Ch) is a convenient way to guarantee that the
minimum wait time restriction is met. The table below also shows the number of dummy reads that are required
for back-to-back access behind some special register access. It can be ignored “dummy” delay if host processor
back-to-back Tcycle is longer than AX88796A internal busy.
RESISTER NAME
Wait for
AX88796A BUSY
(In LCLK count)
Or perform this read
of Reserved register
(Assuming Tcycle of
3 LCLK)
COMMAND
CR (00h)
2.5
1
Write CR
Page0 (03h)
2.5
1
Write BNRY
Page0 (07h)
2.5
1
Write ISR
Page0 (08h)
2.5
1
Write RSAR0
Page0 (09h)
2.5
1
Write RSAR1
Page0 (0Ah)
2.5
1
Write RBCR0
Page0 (0Bh)
2.5
1
Write RBCR1
Page1 (07h)
2.5
1
Write CPR
DP (10h)
2.5
1
Write Data Port
Page0 (0Dh)
2.5
1
Read (0Dh)
Reserved
Page0 (0Eh)
2.5
1
Read CRC error
counter
Page0 (0Fh)
2.5
1
Read Miss Packet
counter
DP (10H)
2.5
1
Read Data Port
Reset (1Fh)
2.5
1
Read (1Fh) Software
reset
ORGINAL
WRITE RSAR1
WRITE RSAR0
WRITE RBCR1
WRITE RBCR0
WRITE CR (remote read)
READ
DP
READ
DP
New Remote DMA read command order
WRITE RSAR1
WRITE RSAR0
WRITE CR (remote read)
WRITE RBCR1
WRITE RBCR0
READ
DP
READ
DP
LCLK/XTALIN
AX88796A internal busy
/READ or /WRITE
“dummy” reads of
“Reserved” register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com