Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88796ALF Datasheet HTML 1Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 2Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 3Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 4Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 5Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 6Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 7Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 8Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
4
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
5.1.15 General Purpose Input Register (GPI) Offset 17H (Read) ............................................................................41
5.1.16 GPO and Control (GPOC) Offset 17H (Write)..............................................................................................41
5.1.17 SPP Data Port Register (SPP_DPR) Offset 18H (Read/Write) .....................................................................42
5.1.18 SPP Status Port Register (SPP_SPR) Offset 19H (Read) ..............................................................................42
5.1.19 SPP Command Port Register (SPP_CPR) Offset 1AH (Read/Write) ............................................................42
5.2 THE EMBEDDED PHY REGISTERS............................................................................................................................43
5.2.1 MR0 – Control Register Bit Descriptions ........................................................................................................43
5.2.2 MR1 – Status Register Bit Descriptions...........................................................................................................44
5.2.3 MR2, MR3 – Identification Registers (1 and 2) Bit Descriptions ....................................................................44
5.2.4 MR4 – Autonegotiation Advertisement Registers Bit Descriptions .................................................................45
5.2.5 MR5 – Autonegotiation Link Partner Ability (Base Page) Register Bit Descriptions .....................................45
5.2.6 MR5 –Autonegotiation Link Partner (LP) Ability Register (Next Page) Bit Descriptions ..............................46
5.2.7 MR6 – Autonegotiation Expansion Register Bit Descriptions .........................................................................46
6.0 CPU I/O READ AND WRITE FUNCTIONS.........................................................................................................47
6.1 ISA BUS TYPE ACCESS FUNCTIONS. .........................................................................................................................47
6.2 80186 CPU BUS TYPE ACCESS FUNCTIONS. .............................................................................................................47
6.3 MC68K CPU BUS TYPE ACCESS FUNCTIONS. ..........................................................................................................48
6.4 MCS-51 CPU BUS TYPE ACCESS FUNCTIONS. .........................................................................................................48
6.5 CPU ACCESS MII STATION MANAGEMENT FUNCTIONS. .........................................................................................49
7.0 ELECTRICAL SPECIFICATION AND TIMINGS .............................................................................................50
7.1 ABSOLUTE MAXIMUM RATINGS...............................................................................................................................50
7.2 GENERAL OPERATION CONDITIONS .........................................................................................................................50
7.3 DC CHARACTERISTICS.............................................................................................................................................50
7.4 A.C. TIMING CHARACTERISTICS ..............................................................................................................................51
7.4.1 XTAL / CLOCK................................................................................................................................................51
7.4.2 Reset Timing ....................................................................................................................................................51
7.4.3 ISA Bus Access Timing ....................................................................................................................................52
7.4.4 80186 Type I/O Access Timing ........................................................................................................................54
7.4.5 68K Type I/O Access Timing ...........................................................................................................................56
7.4.6 8051 Bus Access Timing ..................................................................................................................................58
7.4.7 MII Timing .......................................................................................................................................................60
8.0 PACKAGE INFORMATION..................................................................................................................................61
9.0 ORDERING INFORMATION................................................................................................................................62
APPENDIX A: APPLICATION NOTE.......................................................................................................................63
A.1 USING CRYSTAL 25MHZ.........................................................................................................................................63
A.2 USING OSCILLATOR 25MHZ ...................................................................................................................................63
APPENDIX B: POWER CONSUMPTION REFERENCE DATA ...........................................................................64
APPENDIX C: NOTICE OF AX88796A.....................................................................................................................65
REVISION HISTORY ...................................................................................................................................................67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com