Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 46 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 46 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 42Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 43Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 44Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 45Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 46Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 47Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 48Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 49Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 50Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
46
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
5.2.6 MR5 –Autonegotiation Link Partner (LP) Ability Register (Next Page) Bit
Descriptions
FIELD
TYPE
DESCRIPTION
5.15
(LP_NEXT_PAGE)
R
Next Page. When this bit is set to logic 0, it indicates that this is the last page
to be transmitted. Logic 1 indicates that additional pages will follow.
5.14 (LP_ACK)
R
Acknowledge. When this bit is set to logic 1, it indicates that the link partner
has successfully received its partner’s link code word.
5.13
(LP__MES_PAGE)
R
Message Page. This bit is used by the NEXT _PAGE function to
differentiate a message page (logic 1) from an unformatted page (logic 0).
5.12 (LP_ACK2)
R
Acknowledge 2. This bit is used by the NEXT_PAGE function to indicate
that a device has the ability to comply with the message (logic 1) or not (logic
0).
5.11 (LP_TOGGLE)
R
Toggle. This bit is used by the arbitration function to ensure synchronization
with the link partner during next page exchange. Logic 0 indicates that the
previous value of the transmitted link code word was logic 1. Logic 1
indicates that the previous value of the transmitted link code word was logic
0.
5.10:0 (MCF)
R
Message/Unformatted Code Field. With these 11 bits, there are 2048
possible messages. Message code field definitions are described in annex
28C of the IEEE 802.3u standard.
5.2.7 MR6 – Autonegotiation Expansion Register Bit Descriptions
FIELD
TYPE
DESCRIPTION
6.15:5 (RESERVED)
R
Reserved.
6.4
(PAR_DET_FAULT)
R/LH
Parallel Detection Fault. When this bit is set to 1, it indicates that a fault has
been detected in the parallel detection function. This fault is due to more than
one technology detecting concurrent link conditions. This bit can only be
cleared by reading this register.
6.3
(LP_NEXT_PAGE_AB
LE)
R
Link Partner Next Page Able. When this bit is set to 1, it indicates that the
link partner supports the next page function.
6.2
(NEXT_PAGE_ABLE)
R
Next Page Able. This bit is set to 1, indicating that this device supports the
NEXT_PAGE function.
6.1 (PAGE_REC)
R/LH
Page Received. When this bit is set to 1, it indicates that a NEXT_PAGE has
been received.
6.0
(LP_NWAY_ABLE)
R
Link Partner Autonegotiation Capable. When this bit is set to 1, it
indicates that the link partner is autonegotiation capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com