Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 65 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 65 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 60Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 61Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 62Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 63Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 64Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 65Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 66Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 67Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 68Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
65
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
Appendix C: Notice of AX88796A
1. AX88796A supported 68K CPU with word mode only when read/write DP
MC68008 has only 8-bit data bus, so AX88796A can’t support this 68K CPU.
2. The main difference between AX88796A and AX88796 are:
a)
4 Pins assignment in 68K bus mode (PIN4, 18, 19 and 22)
AX88796A
AX88796
PIN 4
NC
/LDS
PIN 18
/LDS
R/W
PIN 19
/UDS
NC
PIN 22
R/W
/UDS
*Note: On 68K applications, AX88796A can’t replace AX88796 directly.
b)
Change some pins as NC.
AX88796A *
AX88796
PIN 13
NC
VDD
PIN 14
NC
VSS
PIN 40
NC
VDD
PIN 45
NC
BIST
PIN 46
NC
IDDQ
PIN 57
NC
VDD
PIN 75
NC
VSSA
PIN 77
NC
VSSM
PIN 90
NC
VSSO
PIN 94
NC
VSS
*Note: These AX88796A NC pins are disconnected inside.
c)
Supported auto load MAC address from external 16-bit mode 93C56/93C66 EEPROM
NE2000 driver will read the I/O mode field (offset 1CH and 1EH) of PROM contents to decide the I/O mode
(8-bit mode or 16-bit mode). The I/O mode will be 16-bit mode if the value is 57H, 8-bit mode if 42H.
AX88796A also supports user defined PROM 1CH and 1EH value by EEDO pin if no programmed EEPROM
on board. User can pull-down 10K-ohm at EEDO pin to set 57H to the offset 1CH and 1EH of PROM. It will be
42H if no connection at EEDO pin.
d)
PTX and TXE status report when transmit collision 16 times
e)
MAC duplex can auto control by internal PHY MR0 bit 8
f)
AX88796A does not support power MAC/PHY feature
g)
AX88796A only accept MII station management frames with correct 32-bit preamble
h)
REXT10, REXT100 (pin 84 and 83)
AX88796A
AX88796
PIN 84
REXT10
No external resistor
needed.
REXT10
An external resistor
20k ohm is placed
from this signal to
ground
PIN 83
REXT100
No external resistor
needed.
REXT100
An external resistor
2.49k ohm is placed
from this signal to
ground
*Note: AX88796A Pin 84 is disconnected inside and Pin 83 can be floating or pulled down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com