Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 12Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 13Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 14Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 15Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 16Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 17Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 18Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 19Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
16
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
2.6 Standard Printer Port (SPP) Interface Pins Group (Optional)
SIGNAL
TYPE
PIN NO.
DESCRIPTION
PD[7:5]
PD[4:0]
I/O/PD
I/O/PU
102 – 100
99 – 95
Parallel Data: The bi-directional parallel data bus is used to transfer
information between CPU and peripherals. Default serve as input,
using /DOE bit of register offset x1Ah to set the direction.
BUSY
I/PU
108
Busy: This is a status input from the printer, high indicating that the
printer is not ready to receive new data.
/ACK
I/PU
107
Acknowledge: A low active input from the printer indicating that it has
received the data and is ready to accept new data.
PE
I/PU
106
Paper Empty: A status input from the printer, high indicating that the
printer is out of paper.
SLCT
I/PU
103
Slect: This high active input from the printer indicating that it has
power on.
/ERR
I/PU
113
Error: A low active input from the printer indicating that there is an
error condition at the printer.
/SLCTIN
O
112
Slect In: This active low output selects the printer.
/INIT
O
111
Init: This signal is used to initiate the printer when low.
/ATFD
O
110
Auto Feed: This output goes low to cause the printer to automatically
feed one line after each line is printed.
/STRB
O
109
Strobe: A low active pulse on this output is used to strobe the print data
into the printer.
TAB - 6 Standard Printer Port Interface pins group
2.7 General Purpose I/O Pins Group
Signal Name
Type
Pin No.
Description
GPI[2]/SPD
I/PU
113
Read register offset 17h bit 6 value reflects this input value.
GPI[1]/DPX
I/PU
106
When MII port is selected. Read register offset 17h bit 5 value reflects
this input value.
When SPP port is selected. The pin is defined as PE.
GPI[0]/LINK
I/PU
103
When MII port is selected. Read register offset 17h bit 4 value reflects
this input value.
When SPP port is selected. The pin is defined as SLCT.
GPO[0]
O
120
Default “1”. The pin reflects write register offset 17h bit 0 inverted
value.
TAB - 7 General Purposes I/O pins group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com