Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796ALF Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88796ALF
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796ALF Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88796ALF Datasheet HTML 17Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 18Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 19Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 20Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 21Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 22Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 23Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 24Page - ASIX Electronics Corporation AX88796ALF Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
21
AX88796ALF
3-in-1 Local Bus Fast Ethernet Controller
Copyright © 2006-2013 ASIX Electronics Corporation. All rights reserved.
4.0 Basic Operation
4.1 Receiver Filtering
The address filtering logic compares the Destination Address Field (first 6 bytes of the received packet) to the Physical
address registers stored in the Address Register Array. If any one of the six bytes does not match the pre-programmed
physical address, the Protocol Control Logic rejects the packet. This is for unicast address filtering. All multicast
destination addresses are filtered using a hashing algorithm. (See following description.) If the multicast address indexes a
bit that has been set in the filter bit array of the Multicast Address Register Array the packet is accepted, otherwise the
Protocol Control Logic rejects it. Each destination address is also checked for all 1’s, which is the reserved broadcast
address.
4.1.1 Unicast Address Match Filter
The physical address registers are used to compare the destination address of incoming packets for rejecting or accepting
packets. Comparisons are performed on a byte wide basis. The bit assignment shown below relates the sequence in
PAR0-PAR5 to the bit sequence of the received packet.
D7
D6
D5
D4
D3
D2
D1
D0
PAR0
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
PAR1
DA15
DA14
DA13
DA12
DA11
DA10
DA9
DA8
PAR2
DA23
DA22
DA21
DA20
DA19
DA18
DA17
DA16
PAR3
DA31
DA30
DA29
DA28
DA27
DA26
DA25
DA24
PAR4
DA39
DA38
DA37
DA36
DA35
DA34
DA33
DA32
PAR5
DA47
DA46
DA45
DA44
DA43
DA42
DA41
DA40
Note: The bit sequence of the received packet is DA0, DA1, … DA7, DA8 ….



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com