Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 18 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 18 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 14Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 15Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 16Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 17Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 18Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 19Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 20Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 21Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
EMC2101
DS20006703A-page 18
 2022 Microchip Technology Inc. and its subsidiaries
4.5.6
DIODE FAULTS
The EMC2101 detects the major types of diode faults;
an open input DP-DN, a short across DP-DN, short to
GND, and short to VDD. For each temperature
measurement made, the device checks for a diode fault
on the external diode.
If an open fault or a short of the DP pin to VDD is
detected, then the temperature data is changed to
+127°C and the Fault bit in the Status Register will be
set. If the high and/or TCRIT limits are set below this
value, and they are not masked, then the ALERT/TACH
pin will be asserted. In addition, the HIGH and TCRIT
status bits will be set accordingly.
If a short between the diode pins or a short to GND is
detected, then the temperature data is changed to
+127.875°C. If the high and/or TCRIT limits are set
below this value, and they are not masked, then the
ALERT/TACH pin will be asserted. In addition, the
HIGH and TCRIT status bits will be set accordingly. The
FAULT bit will not be set.
If the Temperature Filter is enabled and a diode fault
occurs, the diode fault status bit will be set and the
temperature data is updated immediately. The Filter will
stop accumulating data so long as the diode fault
remains in effect.
When a Diode Fault is detected, the ALERT/TACH pin
behavior is still subject to the Fault Queue.
4.6
Fan Control
The EMC2101 includes either a PWM or a linear DAC
based fan driver on the shared FAN pin. Both PWM and
DAC use the Fan Control Look-Up Table and/or Fan
Setting Register interchangeably as well as the
Spin-Up Routine.
In addition, the EMC2101 can monitor the fan speed
using the ALERT/TACH pin.
4.6.1
DAC DRIVER
The Linear DAC driver included in the EMC2101 has
6-bits of resolution based on the supply voltage and is
used for linear drive fan circuits. Its advantages over
PWM drive circuits include reduced circuit complexity
at the expense of reduced effective signal range.
When using the DAC Driver, the pull-up resistor on the
FAN pin should be removed.
The DAC driver output voltage is controlled by either
the Fan Setting Register (see Section 5.18 “Fan
Setting Register”) or the Fan Control Look-Up Table
Registers (see Section 5.22 “Fan Control Look-Up
Table Registers”). It is also controlled by the
POLARITY bit (see Section 5.16 “Fan Configuration
Register”). The PWM Frequency Register (see
Section 5.19 “PWM Frequency Register”) and PWM
Divider Register (see Section 5.20 “PWM Frequency
Divide Register”) have no effect on the DAC’s output
voltage range, resolution, or response.
4.6.2
PWM DRIVER
The PWM driver included in the EMC2101 has, at
most, 64 steps equaling 1.5% resolution. The effective
resolution, duty cycle, and frequency are all adjustable
based on programmed values. The advantages over
linear drive circuits include a large signal range (0% to
100% duty cycle) at the expense of added complexity
on the drive circuit.
The PWM output is open drain and requires a pull-up
resistor to VDD.
4.6.3
TACH MONITOR
The TACH monitor counts the number of clock pulses
that occur between five edges of the TACH signal. The
monitor assumes that the tachometer signal is always
valid (such as generated from a 4-wire fan or a direct
drive fan) and that the tachometer signal generates 2
TACH pulses per fan revolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com