Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 21 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 21 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 17Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 18Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 19Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 20Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 21Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 22Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 23Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 24Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 21
EMC2101
5.0
REGISTER DESCRIPTION
The following registers are accessible through the
SMBus Interface. The registers are described in
functional order. Registers with multiple addresses are
included for software compatibility. Writing or reading
from either address will point to the same internal
register.
TABLE 5-1:
REGISTER SET IN HEXADECIMAL ORDER
Register
Address
R/W
Register Name
Function
Default
Value
00h
R
Internal Temperature
Stores the Internal Temperature
00h
01h
R
External Diode
Temperature High Byte
Stores the External Temperature High
Byte
00h
02h
R
Status
Reports internal, external and TCRIT
alarms
00h
03h and 09h
R/W
Configuration
Alert Mask, STANDBY, TCRIT override,
Alert Fault Queue
00h
04h and 0Ah
R/W
Conversion Rate
Sets conversion rate
08h
(16/sec)
05h and 0Bh
R/W
Internal Temp Limit
ALERT/TACH asserted if measured
temp above this value
46h
(+70°C)
07h and 0Dh
R/W
External Temp High Limit
High Byte
ALERT/TACH asserted if measured
temp above this value
46h
(+70°C)
08h and 0Eh
R/W
External Temp Low Limit
High Byte
ALERT/TACH asserted if measured
temp below this value
00h
(+0°C)
0Ch
R/W
External Temperature
Force
Force the temperature for determining
the next fan speed used in the Fan
Control Look-Up Table
00h
0Fh
R/W
One Shot
When written, performs a one-shot
conversion.
00h
10h
R
External Diode
Temperature Low Byte
Stores the External Temperature Low
Byte
00h
11h
R/W
Scratchpad
Scratchpad – This register is read/write
but does nothing
00h
12h
R/W
Scratchpad
Scratchpad – This register is read/write
but does nothing
00h
13h
R/W
External Diode High Limit
Low Byte
Fractional data of High Limit
00h
14h
R/W
External Diode Low Limit
Low Byte
Fractional data of Low Limit
00h
16h
R/W
Alert Mask
Disables alarms
A4h
17h
R/W
External Diode Ideality
Factor
Sets ideality factor based on diode type
12h
(1.008)
18h
R/W
Beta Compensation Factor Compensates for transistors with
various beta factors
08h
19h
R/W
TCRIT Temp Limit
Fan will be set to full speed if external
temp above this value
55h
(+85°C)
21h
R/W
TCRIT Hysteresis
Amount of hysteresis applied to TCRIT
Temp (1LSB = +1°C)
0Ah
(+10°C)
Note 1: The Look Up Table Registers are made Read Only if the PWM Program bit (bit 5) in PWM Configuration
Register (4Ah) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com