Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 11 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 11 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 7Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 8Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 9Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 10Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 11Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 12Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 13Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 14Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 11
EMC2101
3.0
PIN DESCRIPTIONS
The description of the pins is listed in Table 3-1.
All pins labeled with (5V) are 5V tolerant.
For the 5V tolerant pins that have a pull-up resistor, the
voltage difference between VDD and the pull-up voltage
must never exceed 3.6V
The pin types are described in Table 3-2.
TABLE 3-1:
EMC2101 PIN DESCRIPTION
8-pin
MSOP
Pin Name
Pin Type
Description
1VDD
Power
3.3V Power supply
2
DP
AI
External diode positive (anode) connection
3
DN
AI
External diode negative (cathode) connection
4
FAN
OD (5V)
PWM Output (default - software programmed)
AO
DAC Output (software programmed)
5
GND
Power
Ground
6ALERT/TACH
OD (5V)
ALERT - Open drain I/O operates as active low interrupt or TACH
input; requires pull-up resistor, which defines auto-configuration
mode (see Table 4-1).
DI (5V)
TACH - TACH input
7
SMDATA
DIOD Output (5V) SMBus Data input/output
8
SMCLK
DIOD Output (5V) SMBus Clock input
TABLE 3-2:
PIN TYPES
Power
This pin is used to supply power or ground to the device
DI
Digital Input. This pin is used as a digital input and is 5V tolerant
AI
Analog Input. This pin is used as an input for analog signals
AO
Analog Output. This pin is used as an output for analog signals
DIOD
Digital Input/Open Drain Output. This pin is used as a digital I/O. When it is used as an
output, it is open drain and requires a pull-up resistor. This pin is 5V tolerant.
OD
Open Drain Digital Output. This pin is used as a digital output. It is open drain and requires
a pull-up resistor. This pin is 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com