Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 1 Page - Microchip Technology

  EMC2101-R-ACZL-TR Datasheet HTML 1Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 2Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 3Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 4Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 5Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 6Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 7Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 8Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 1
EMC2101
Features
• Self-Programming with Available SMBus
Compatible EEPROM
• Selectable PWM or DAC Fan Driver Output
• Temperature Monitors
- External channel ±1°C accuracy
- Internal channel ±2°C accuracy
- Automatic Beta Compensation
- Resistance Error Correction
• 3.3 Volt Operation (5 Volt Tolerant Input Buffers)
• SMBus 2.0 Compliant Interface, Supports
TIMEOUT
• 8-Pin MSOP Lead-free RoHS Compliant
Packages
Applications
• Graphics Processors
• Embedded Application Fan Drive
• PWM Controller + Temp Sensor
Description
The EMC2101 is an SMBus 2.0 compliant, integrated
fan control solution complete with two temperature
monitors, one external and one internal. Each
temperature channel has programmable high limits that
can assert an interrupt.
The fan drive is selectable as a Pulse Width Modulator
(PWM) or Linear (DAC) output. The fan control output,
whether the PWM or DAC drive circuit, uses an eight
position look-up table to allow the user to program the
fan speed profile based on temperature. The DAC
output ranges from 0V to VDD with up to 6 bit resolution
while the PWM output has a range of 0% to 100% with
up to 64 steps.
The EMC2101 has an option to automatically upload
the contents of an attached SMBus compatible
EEPROM for auto-programming upon power up.
Advanced thermal sensing enables reduced validation
and characterization time as well as accurately
operating
with
smaller-geometry
processors.
Resistance Error Correction (REC) automatically
corrects the offset errors of board trace and device
resistance, up to 100
. Automatic Beta Compensation
allows the user the flexibility to design applications that
include processor substrate transistors.
Package Types
EMC2101
8-pin MSOP
SMBus Fan Control with 1°C Accurate Temperature Monitoring


Similar Part No. - EMC2101-R-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2101-R-ACZL-TR SMSC-EMC2101-R-ACZL-TR Datasheet
1Mb / 55P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
EMC2101-R-ACZL-TR SMSC-EMC2101-R-ACZL-TR Datasheet
1Mb / 57P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
More results

Similar Description - EMC2101-R-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
logo
National Semiconductor ...
LM63 NSC-LM63 Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
SMSC Corporation
EMC2101 SMSC-EMC2101 Datasheet
1Mb / 55P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
EMC6W201 SMSC-EMC6W201 Datasheet
405Kb / 5P
Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
logo
Maxim Integrated Produc...
MAX6581 MAXIM-MAX6581 Datasheet
1Mb / 24P
±1°C Accurate 8-Channel Temperature Sensor
Rev 0; 8/10
MAX6690 MAXIM-MAX6690_09 Datasheet
154Kb / 16P
2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
logo
SMSC Corporation
EMC2101 SMSC-EMC2101_09 Datasheet
1Mb / 57P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
EMC6W201DB SMSC-EMC6W201DB Datasheet
406Kb / 5P
Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com