Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 25 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 25 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 21Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 22Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 23Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 24Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 25Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 26Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 27Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 28Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 25
EMC2101
5.4
Status Register
The Status Register is a read only register and returns
the operational status of the part.
If the ALERT/TACH pin is configured as an ALERT
output and any of these bits are set to '1' (except the
BUSY bit and the FAULT bit), then the ALERT/TACH
pin is asserted low (if interrupts are not masked (see
Section 5.5, Configuration Register).
Reading from the Status Register will cause the MASK
bit to be set if any bit (other than BUSY and FAULT)
have been set. Each bit is automatically cleared when
the error condition has been removed, however the
internal error condition flags may still be set. The ARA
command must be used to clear the ALERT/TACH pin
if there are no bits set in the Status Register. In addition,
reading from the Status Register will clear all bits. If the
error condition persists, then the bits will be reset at the
end of the next conversion.
When the device is configured in Comparison Mode
(see Section 5.23, Averaging Filter Register), reading
the Status Register will not clear any active status bits
(except EEPROM and FAULT). These bits are auto-
matically cleared when the error condition is removed.
REGISTER 5-2:
STATUS REGISTER (ADDRESS 02h)
RRRRRR
RR
BUSY
INT_ HIGH
EEPROM
EXT_HIGH
EXT_LOW
FAULT
TCRIT
TACH
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
BUSY: Indicates that the ADC is converting; does not trigger an interrupt.
bit 6
INT_ HIGH: Internal temperature has met or exceeded the high limit.
bit 5
EEPROM: Indicates that the EEPROM could not be found when the device powers up in the
Auto-Program Mode (see Section 4.1, Modes of Operation (EMC2101-R Only)). This bit only applies
to the EMC2102-R. It will always read ‘0’ for the EMC2101 device
bit 4
EXT_HIGH: External Diode temperature has exceeded the high limit.
bit 3
EXT_LOW: External Diode temperature has fallen below the low limit.
bit 2
FAULT: A diode fault has occurred on the External Diode.
bit 1
TCRIT: External Diode Temperature has met or exceeded the TCRIT limit.
bit 0
TACH: The TACH count has exceeded the TACH Limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com