Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 37 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 37 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 33Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 34Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 35Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 36Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 37Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 38Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 39Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 40Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 37
EMC2101
Maximum resolution is achieved by setting the PWM
Frequency Register to 1Fh. With maximum resolution,
the desired PWM frequency can be achieved by
adjusting the PWM Frequency Divide Register setting
(PWM_D[7:0]) as shown in Table 5-7.
For example, if the user desires a 30 Hz PWM
frequency with maximum PWM resolution, then the
PWM_F[4:0] bits should be set at 1Fh (31d) and the
PWM_D bits should be set at C1h (193d).
5.21
Fan Control Look-Up Table
Hysteresis Register
The Fan Control Look-Up Table Hysteresis Register
determines the amount of hysteresis applied to the
temperature inputs of the fan control Fan Control
Look-Up Table. See Section 4.6.4 “Fan Control
Look-Up Table”.
TABLE 5-7:
EXAMPLES OF FAN PWM FREQUENCY WITH MAXIMUM RESOLUTION
PWM_F[4:0] = 1Fh
PWM_D[7:0]
Setting
Effective
Resolution
(%)
Effective Duty Cycle
(at 50% FAN_SETTING)
Effective Duty Cycle
(at 75% FAN_SETTING)
FAN_SETTING
to get 75%
Duty Cycle
Effective
PWM
Frequency
(Hz)
01h
1.61
51.6%
77.4%
2Eh (74.2%)
5806.5
11h
1.61
51.6%
77.4%
2Eh (74.2%)
341.6
20h
1.61
51.6%
77.4%
2Eh (74.2%)
181.5
47h
1.61
51.6%
77.4%
2Eh (74.2%)
81.8
C0
1.61
51.6%
77.4%
2Eh (74.2%)
30.2
C1
1.61
51.6%
77.4%
2Eh (74.2%)
30.0
FFh
1.61
51.6%
77.4%
2Eh (74.2%)
22.7
REGISTER 5-19:
LOOK UP TABLE HYSTERESIS REGISTER (ADDRESS 4Fh)
Address
R/W
Register
B7B6
B5B4B3
B2B1B0
Default
4Fh
R/W
Fan Control
Look-Up Table
Hysteresis
—
—
—
16
8
4
2
1
04h
(+4°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com