Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 24 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 24 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 20Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 21Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 22Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 23Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 24Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 25Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 26Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 27Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
EMC2101
DS20006703A-page 24
 2022 Microchip Technology Inc. and its subsidiaries
5.3
Temperature Data Registers
All temperatures are stored as an 11-bit value with the
high byte representing the integer value and the low
byte representing the fractional value left justified to
occupy the MSBits.
As shown in Register 5-1, the internal temperature
monitor is stored as an 8-bit value while the external
temperature is stored as an 11-bit value.
Please note that the internal temperature monitor is
limited to the operating temperature limits of the part
resulting in a guaranteed range of +0ºC to +85ºC.
REGISTER 5-1:
TEMPERATURE DATA REGISTERS (ADDRESSES 00h, 06h, 01h, 10h)
Address
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
00h
R
Internal Temperature
Sign
64
32
16
8
4
2
1
00h
01h
R
External Diode
Temperature High Byte
Sign
64
32
16
8
4
2
1
00h
10h
R
External Diode
Temperature Low Byte
0.5
0.25
0.125
—
—
—
—
—
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com