Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 29 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 29 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 25Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 26Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 27Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 28Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 29Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 30Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 31Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 32Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 29
EMC2101
5.9
One Shot Register
The One Shot Register initiates an update of the
temperature measurements. This register can be
written at any time, however will only perform a
one-shot conversion when the temperature monitoring
is in standby mode. When the one shot temperature
conversion is complete the temperature data registers
are updated and the fan setting is updated if necessary.
This register is self-clearing.
5.10
Scratchpad Registers
The Scratchpad Registers are R/W registers that
perform no function. They are included for software
compatibility.
5.11
Alert Mask Register
The Alert Mask Register enables interrupts from the
temperature monitors and limits. Regardless of the
condition of the individual mask bits, the Status
Register will be updated normally.
REGISTER 5-7:
ONE SHOT REGISTER (ADDRESS 0Fh)
Address
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
0Fh
W
One Shot Writing to this register initiates a one shot update of the temperature
data. Data is not relevant and is not stored.
00h
REGISTER 5-8:
SCRATCHPAD REGISTERS (ADDRESSES 11h and 12h)
Address
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
11h
R/W
Scratchpad
B7
B6
B5
B4
B3
B2
B1
B0
00h
12h
R/W
Scratchpad
B7
B6
B5
B4
B3
B2
B1
B0
00h
REGISTER 5-9:
EXTERNAL DIODE THERM LIMIT REGISTER (ADDRESS 16h)
RW
RW
RW
RW
RW
RW
RW
RW
1
INT_MSK
1
HIGH_MSK
LOW_MSK
1
TCRIT_MSK
TCH_MSK
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 6
INT_MSK: Disables interrupts for the Internal Diode.
1 = The Internal Diode will not generate interrupts.
0 = (default) The Internal Diode will generate an interrupt if its measured temperature exceeds the
Internal Diode high limit.
bit 4
HIGH_MSK: Disables interrupts for the External Diode high limit.
1 = The External Diode will not generate an interrupt when the high limit is exceeded.
0 = (default) The External Diode will generate an interrupt if its measured temperature exceeds the
External Diode high limit.
bit 3
LOW_MSK: Disables interrupts for the External Diode low limit.
1 = The External Diode will not generate an interrupt when the temperature drops below the low limit.
0 = (default) The External Diode will generate an interrupt if its measured temperature drops below the
External Diode low limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com