Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 17 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 17 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 13Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 14Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 15Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 16Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 17Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 18Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 19Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 20Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 17
EMC2101
4.5.2
TEMPERATURE FILTER
The EMC2101 contains variable filtering options to
suppress thermally or electrically noisy signals on the
External Diode lines. This filter can be configured as
Level 1, Level 2 or Disabled (see Section 5.23 “Aver-
aging Filter Register”). The typical filter performance
is shown in Figure 4-5 and Figure 4-6.
FIGURE 4-5:
Temperature Filter Step
Response.
FIGURE 4-6:
Temperature Filter Impulse
Response.
4.5.3
BETA COMPENSATION
The EMC2101 is software configurable to monitor the
temperature of basic diodes (e.g. 2N3904), or CPU
thermal diodes. It automatically detects the type of
external diode (CPU diode, diode connected transistor,
or PN diode) and determines the optimal setting to
reduce temperature errors introduced by beta variation.
4.5.4
RESISTANCE ERROR
CORRECTION (REC)
Parasitic resistance in series with the external diodes
will limit the accuracy obtainable from temperature
measurement devices. The voltage developed across
this resistance by the switching diode currents cause
the temperature measurement to read higher than the
true temperature. Contributors to series resistance are
Printed Circuit Board (PCB) trace resistance, on die
(i.e. on the processor) metal resistance, bulk resistance
in the base and emitter of the temperature transistor.
Typically, the error caused by series resistance is
+0.7°C per ohm. Temperature errors caused by up to
100Ω of series resistance are automatically corrected.
4.5.5
PROGRAMMABLE IDEALITY
FACTOR
The EMC2101 is designed for an external diode with an
ideality factor of 1.008. When an external diode,
processor or discrete, has a different ideality factor, an
error is introduced in the temperature measurement
which must be corrected. This is typically done using
programmable offset registers but this correction is
only accurate at one temperature since an ideality
factor mismatch introduces an error that is a linear
function of temperature. To provide maximum flexibility
to the user, the EMC2101 provides a 6-bit register to
set the ideality factor for the external diode which
eliminates errors across all temperatures (see
Table 5-2.).
This feature is only required in rare circumstances. The
majority of errors introduced are corrected with the
Beta Compensation and Resistance Error Correction
circuitry.
TABLE 4-3:
EMC2101 INTERNAL TEMPERATURE DATA FORMAT
Temperature (°C)
Digital Output (Binary)
≤ -64
1100 0000
-55
1100 1001
-1
1111 1111
+0
0000 0000
+1
0000 0001
+25
0001 1001
+125
0111 1101
+126
0111 1110
≥ +127
0111 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com