Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 9 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 9 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 5Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 6Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 7Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 8Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 9Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 10Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 11Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 12Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 9
EMC2101
2.6
Alert Response Address
The ALERT/TACH output can be used as a processor
interrupt or as an SMBus Alert when configured to
operate as an interrupt.
When it detects that the ALERT/TACH pin is asserted,
the host sends the Alert Response Address (ARA) to
the general address of 000_1100b. All devices with
active interrupts will respond with their client address
as shown in Table 2-6.
The EMC2101 responds to the ARA in the following
way when the ALERT/TACH pin is configured as an
Interrupt:
• Send client Address and verify that full client
address was sent (i.e. the SMBus communication
from the device was not prematurely stopped due
to a bus contention event).
• Set the MASK bit to clear the ALERT/TACH pin
only if there are no bits set in the Status Register.
If there are error condition bits set in the Status
Register, it must be read before the MASK bit is
be set.
When the ALERT/TACH pin is configured to operate in
Comparator Mode or as a TACH input (see
Section 4.4.1 “ALERT/TACH as a Temperature
Comparator”), it does not respond to the ARA com-
mand. Additionally, the EMC2101 does not respond to
the ARA command if the ALERT/TACH pin is not
asserted.
2.7
SMBus Address
The EMC2101 is addressed on the SMBus as
100_1100b.
Attempting to communicate with the EMC2101 SMBus
interface with an invalid client address or invalid proto-
col results in no response from the device and does not
affect its register contents.
2.8
SMBus Timeout
The EMC2101 includes an SMBus time-out feature.
Following a 25 ms period of inactivity on the SMBus,
the device times-out and resets the SMBus interface.
2.9
Programming from EEPROM
The EMC2101-R acts as a simple SMBus Host to read
data from a connected EEPROM using the following
procedure:
1.
After power-up the EMC2101-R waits for 10 ms
with the SMDATA and SMCLK pins tri-stated.
2.
Once the wait period has elapsed, the
EMC2101-R sends a START signal followed by
the 7 bit client address 101_0000b followed by a
‘1b’ and waits for an ACK signal from the
EEPROM.
3.
When the EEPROM sends the ACK signal, the
EMC2101-R sends a second Start signal and
continues sending the Block Read Command
(see Table 2-7) to the same client address. It
reads 256 data bytes from the EEPROM send-
ing an ACK between each data byte. When 256
data bytes have been received, it sends a NACK
signal followed by a STOP bit.
4.
Resets the device as an SMBus Client.
If the EMC2101-R does not receive an acknowledge bit
from the EEPROM, then the following occurs:
1.
The ALERT/TACH pin will be asserted and will
remain asserted until a Host device initiates
communication with the EMC2101 and reads
the Status Register at offset 0x02. The
ALERT/TACH pin will be deasserted after a sin-
gle Status Register read (i.e. it is not sticky).
2.
The EMC2101-R will reset its SMBus protocol
as a client interface and start operating from the
default conditions.
TABLE 2-6:
ALERT RESPONSE ADDRESS PROTOCOL
START
ALERT Response Address
RD
ACK
Device Address
NACK
STOP
17
1
1
8
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com