Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 47 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 47 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 43Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 44Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 45Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 46Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 47Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 48Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 49Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 50Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006307A-page 47
EMC2101
APPENDIX B: ADVANCED PWM
OPTIONS
The PWM Frequency Register determines the number
of clocks (set by the CLK_SEL bit or the PWM_D reg-
ister settings) represent 1/2 of the period of the final
PWM output waveform. Therefore, as the PWM Fre-
quency Register is updated, the PWM frequency is like-
wise updated. However, it also directly affects the PWM
Resolution and PWM duty cycle.
The PWM frequency is set according to Equation 3 (A
or B) or, if the PWM Divide Register is used,
Equation 5-4 (see Section 5.20 “PWM Frequency
Divide Register”).
The PWM Frequency Register does not affect the Fan
Setting (either the Fan Setting Register or the Fan Set-
ting entries in the Fan Control Look-up Table Regis-
ters).
The Fan Setting Register determines the number of
clocks that the PWM output is high for is always based
on 64 time steps for a PWM cycle. As the PWM Fre-
quency Register changes (or the Fan Setting changes)
the effective duty cycle will vary according to
Equation 1 and the PWM resolution will vary according
to Equation 2. This is a result of the “on” time deter-
mined by Fan Setting changing with respect to the
overall PWM period determined by the PWM Fre-
quency Register.
If the Fan Setting is set at a value that is higher than 2x
the PWM Frequency Register settings, the PWM out-
put will be at 100% duty cycle.
Table A.1 shows the effective resolution, duty cycle,
and frequency as the PWM Frequency Register setting
is changed.
EQUATION 1:
EQUATION 2:
EQUATION 3:
EFFECTIVE_DUTY_CYCLE
FAN_SETTING
PWM_F 2
------------------------------------------

 100
%
=
Where:
PWM_F
=
The setting of the PWM Frequency
Register (4Dh)
EFFECTIVE_RESOLUTION
100%
PWM_F 2
-------------------------------
=
Where:
PWM_F
=
The setting of the PWM Frequency
Register (4Dh)
PWM_FREQUENCY
360k
2PWM_F
-------------------------------
=
Where:
PWM_F
=
The setting of the PWM Frequency
register (4Dh)
The setting of the PWM Frequency
Divide Register (4Eh)
CLK_SEL = ‘0’
CLK_SEL = ‘1’
(A)
(B)
PWM_FREQUENCY
1.4k
2PWM_F
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com