Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 22 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 22 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 18Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 19Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 20Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 21Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 22Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 23Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 24Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 25Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
EMC2101
DS20006703A-page 22
 2022 Microchip Technology Inc. and its subsidiaries
46h
R
TACH Reading Low Byte
Stores the lower 6 bits of the TACH
count and the TACH configuration bits
FFh
47h
R
TACH Reading High Byte
Stores the upper 8 bits of the TACH
count
FFh
48h
R/W
TACH Limit Low Byte
Stores the lower 6 bits of the TACH Limit
FFh
49h
R/W
TACH Limit High Byte
Stores the upper 8 bits of the TACH
Limit
FFh
4Ah
R/W
FAN Configuration
Defines polarity of PWM or DAC
20h
4Bh
R/W
Fan Spin-up
Sets Spin Up options
3Fh
4Ch
R/W
Fan Setting
Sets PWM or DAC value
00h
4Dh
R/W
PWM Frequency
Sets the final PWM Frequency
17h
4Eh
R/W
PWM Frequency Divide
Sets the base PWM frequency
01h
4Fh
R/W
Lookup Table Hysteresis
Amount of hysteresis applied to Lookup
Table Temp (1LSB = +1°C)
04h
(+4°C)
50h
R/W
(See Note)
Lookup Table Temp
Setting 1
Look Up Table Temperature Setting 1
7Fh
51h
R/W
(See Note)
Lookup Table Fan Setting 1 Associated Fan Setting for Temp
Setting 1
3Fh
52h
R/W
(See Note)
Lookup Table Temp
Setting 2
Look Up Table Temperature Setting 2
7Fh
53h
R/W
(See Note)
Lookup Table Fan Setting 2 Associated Fan Setting for Temp
Setting 2
3Fh
54h
R/W
(See Note)
Lookup Table Temp
Setting 3
Look Up Table Temperature Setting 3
7Fh
55h
R/W
(See Note)
Lookup Table Fan Setting 3 Associated Fan Setting for Temp
Setting 3
3Fh
56h
R/W
(See Note)
Lookup Table Temp
Setting 4
Look Up Table Temperature Setting 4
7Fh
57h
R/W
(See Note)
Lookup Table Fan Setting 4 Associated Fan Setting for Temp
Setting 4
3Fh
58h
R/W
(See Note)
Lookup Table Temp
Setting 5
Look Up Table Temperature Setting 5
7Fh
59h
R/W
(See Note)
Lookup Table Fan Setting 5 Associated Fan Setting for Temp
Setting 5
3Fh
5Ah
R/W
(See Note)
Lookup Table Temp
Setting 6
Look Up Table Temperature Setting 6
7Fh
5Bh
R/W
(See Note)
Lookup Table Fan Setting 6 Associated Fan Setting for Temp
Setting 6
3Fh
5Ch
R/W
(See Note)
Lookup Table Temp
Setting 7
Look Up Table Temperature Setting 7
7Fh
5Dh
R/W
(See Note)
Lookup Table Fan Setting 7 Associated Fan Setting for Temp
Setting 7
3Fh
5Eh
R/W
(See Note)
Lookup Table Temp
Setting 8
Look Up Table Temperature Setting 8
7Fh
5Fh
R/W
(See Note)
Lookup Table Fan Setting 8 Associated Fan Setting for
Temp Setting 8
3Fh
TABLE 5-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default
Value
Note 1: The Look Up Table Registers are made Read Only if the PWM Program bit (bit 5) in PWM Configuration
Register (4Ah) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com