Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 50 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 50 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 46Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 47Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 48Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 49Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 50Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 51Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 52Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 53Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
APPENDIX C: TACH REFERENCE TABLE
TABLE 2:
EXAMPLE TACH DECODE 10K RPM TO 1K RPM
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM
512
200h
10547
1280
500h
4219
2048
800h
2637
2816
B00h
1918
3584
E00h
1507
4352
1100h
1241
528
210h
10227
1296
510h
4167
2064
810h
2616
2832
B10h
1907
3600
E10h
1500
4368
1110h
1236
544
220h
9926
1312
520h
4116
2080
820h
2596
2848
B20h
1896
3616
E20h
1493
4384
1120h
1232
560
230h
9643
1328
530h
4066
2096
830h
2576
2864
B30h
1885
3632
E30h
1487
4400
1130h
1227
576
240h
9375
1344
540h
4018
2112
840h
2557
2880
B40h
1875
3648
E40h
1480
4416
1140h
1223
592
250h
9122
1360
550h
3971
2128
850h
2538
2896
B50h
1865
3664
E50h
1474
4432
1150h
1218
608
260h
8882
1376
560h
3924
2144
860h
2519
2912
B60h
1854
3680
E60h
1467
4448
1160h
1214
624
270h
8654
1392
570h
3879
2160
870h
2500
2928
B70h
1844
3696
E70h
1461
4464
1170h
1210
640
280h
8438
1408
580h
3835
2176
880h
2482
2944
B80h
1834
3712
E80h
1455
4480
1180h
1205
656
290h
8232
1424
590h
3792
2192
890h
2464
2960
B90h
1824
3728
E90h
1448
4496
1190h
1201
672
2A0h
8036
1440
5A0h
3750
2208
8A0h
2446
2976
BA0h
1815
3744
EA0h
1442
4512
11A0h
1197
688
2B0h
7849
1456
5B0h
3709
2224
8B0h
2428
2992
BB0h
1805
3760
EB0h
1436
4528
11B0h
1193
704
2C0h
7670
1472
5C0h
3668
2240
8C0h
2411
3008
BC0h
1795
3776
EC0h
1430
4544
11C0h
1188
720
2D0h
7500
1488
5D0h
3629
2256
8D0h
2394
3024
BD0h
1786
3792
ED0h
1424
4560
11D0h
1184
736
2E0h
7337
1504
5E0h
3590
2272
8E0h
2377
3040
BE0h
1776
3808
EE0h
1418
4576
11E0h
1180
752
2F0h
7181
1520
5F0h
3553
2288
8F0h
2360
3056
BF0h
1767
3824
EF0h
1412
4592
11F0h
1176
768
300h
7031
1536
600h
3516
2304
900h
2344
3072
C00h
1758
3840
F00h
1406
4608
1200h
1172
784
310h
6888
1552
610h
3479
2320
910h
2328
3088
C10h
1749
3856
F10h
1400
4624
1210h
1168
800
320h
6750
1568
620h
3444
2336
920h
2312
3104
C20h
1740
3872
F20h
1395
4640
1220h
1164
816
330h
6618
1584
630h
3409
2352
930h
2296
3120
C30h
1731
3888
F30h
1389
4656
1230h
1160
832
340h
6490
1600
640h
3375
2368
940h
2280
3136
C40h
1722
3904
F40h
1383
4672
1240h
1156
848
350h
6368
1616
650h
3342
2384
950h
2265
3152
C50h
1713
3920
F50h
1378
4688
1250h
1152
864
360h
6250
1632
660h
3309
2400
960h
2250
3168
C60h
1705
3936
F60h
1372
4704
1260h
1148
880
370h
6136
1648
670h
3277
2416
970h
2235
3184
C70h
1696
3952
F70h
1366
4720
1270h
1144
896
380h
6027
1664
680h
3245
2432
980h
2220
3200
C80h
1688
3968
F80h
1361
4736
1280h
1140
912
390h
5921
1680
690h
3214
2448
990h
2206
3216
C90h
1679
3984
F90h
1355
4752
1290h
1136
928
3A0h
5819
1696
6A0h
3184
2464
9A0h
2192
3232
CA0h
1671
4000
FA0h
1350
4768
12A0h
1133
944
3B0h
5720
1712
6B0h
3154
2480
9B0h
2177
3248
CB0h
1663
4016
FB0h
1345
4784
12B0h
1129
960
3C0h
5625
1728
6C0h
3125
2496
9C0h
2163
3264
CC0h
1654
4032
FC0h
1339
4800
12C0h
1125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com