Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 51 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 51 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 47Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 48Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 49Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 50Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 51Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 52Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 53Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 54Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
976
3D0h
5533
1744
6D0h
3096
2512
9D0h
2150
3280
CD0h
1646
4048
FD0h
1334
4816
12D0h
1121
992
3E0h
5444
1760
6E0h
3068
2528
9E0h
2136
3296
CE0h
1638
4064
FE0h
1329
4832
12E0h
1118
1008
3F0h
5357
1776
6F0h
3041
2544
9F0h
2123
3312
CF0h
1630
4080
FF0h
1324
4848
12F0h
1114
1024
400h
5273
1792
700h
3013
2560
A00h
2109
3328
D00h
1623
4096
1000h
1318
4864
1300h
1110
1040
410h
5192
1808
710h
2987
2576
A10h
2096
3344
D10h
1615
4112
1010h
1313
4880
1310h
1107
1056
420h
5114
1824
720h
2961
2592
A20h
2083
3360
D20h
1607
4128
1020h
1308
4896
1320h
1103
1072
430h
5037
1840
730h
2935
2608
A30h
2071
3376
D30h
1600
4144
1030h
1303
4912
1330h
1099
1088
440h
4963
1856
740h
2909
2624
A40h
2058
3392
D40h
1592
4160
1040h
1298
4928
1340h
1096
1104
450h
4891
1872
750h
2885
2640
A50h
2045
3408
D50h
1585
4176
1050h
1293
4944
1350h
1092
1120
460h
4821
1888
760h
2860
2656
A60h
2033
3424
D60h
1577
4192
1060h
1288
4960
1360h
1089
1136
470h
4754
1904
770h
2836
2672
A70h
2021
3440
D70h
1570
4208
1070h
1283
4976
1370h
1085
1152
480h
4688
1920
780h
2813
2688
A80h
2009
3456
D80h
1563
4224
1080h
1278
4992
1380h
1082
1168
490h
4623
1936
790h
2789
2704
A90h
1997
3472
D90h
1555
4240
1090h
1274
5008
1390h
1078
1184
4A0h
4561
1952
7A0h
2766
2720
AA0h
1985
3488
DA0h
1548
4256
10A0h
1269
5024
13A0h
1075
1200
4B0h
4500
1968
7B0h
2744
2736
AB0h
1974
3504
DB0h
1541
4272
10B0h
1264
5040
13B0h
1071
1216
4C0h
4441
1984
7C0h
2722
2752
AC0h
1962
3520
DC0h
1534
4288
10C0h
1259
5056
13C0h
1068
1232
4D0h
4383
2000
7D0h
2700
2768
AD0h
1951
3536
DD0h
1527
4304
10D0h
1255
5072
13D0h
1065
1248
4E0h
4327
2016
7E0h
2679
2784
AE0h
1940
3552
DE0h
1520
4320
10E0h
1250
5088
10E0h
1061
1264
4F0h
4272
2032
7F0h
2657
2800
AF0h
1929
3568
DF0h
1513
4336
10F0h
1245
5104
13F0h
1058
TABLE 2:
EXAMPLE TACH DECODE 10K RPM TO 1K RPM (CONTINUED)
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com