Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 10 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 10 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 6Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 7Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 8Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 9Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 10Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 11Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 12Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 13Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
EMC2101
DS20006703A-page 10
 2022 Microchip Technology Inc. and its subsidiaries
It is recommended that the EEPROM that is used to be
an AT24C02B or equivalent device. The EEPROM cli-
ent address must be 101_0000b. The device must
support a block-read command, 8-bit addressing and
8-bit data formatting using a 2-wire bus. The device
must support 3.3V digital switching logic and may not
pull the SMCLK and SMDATA pins above 5V. Data
must be transmitted MSB first.
No other SMBus Host should exist on the SMDATA and
SMCLK lines. The presence of another SMBus Host
will cause errors in reading from the EEPROM.
The EEPROM should be loaded to mirror the register
set of the EMC2101 with the desired configuration set.
All undefined registers in the EMC2101 register set
should be loaded with 00h in the EEPROM. Likewise,
all registers that are read-only in the EMC2101 register
set should be loaded with 00h in the EEPROM.
Because of the interaction between the Fan Control
Look-up Table and the Fan Configuration Register, the
EEPROM Loader stores the contents of the Fan Con-
figuration Register and updates this register at the end
of the EEPROM loading cycle. (See Section 5.16 “Fan
Configuration Register” and Section 5.22 “Fan
Control Look-Up Table Registers”).
TABLE 2-7:
BLOCK READ BYTE PROTOCOL
START
Client
Address
WR
ACK
Register
Address
ACK
START
Client
Address
RD
ACK
Register
Data
. . .
1
7
1
1
8
1
1
7
1
1
8
. . .
ACK
Register
Data (00h)
ACK
Register
Data
(01h)
ACK
Register
Data (02h)
. . .
ACK
Register
Data (FFh)
NACK
STOP
1
8
1
8
1
8
. . .
1
8
1
1
Note:
The shaded columns represent data sent from the EMC2101 to the EEPROM device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com