Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 26 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 26 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 22Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 23Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 24Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 25Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 26Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 27Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 28Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 29Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
EMC2101
DS20006703A-page 26
 2022 Microchip Technology Inc. and its subsidiaries
5.5
Configuration Register
The Configuration Register controls the basic functionality of the EMC2101. The bits are described below.
REGISTER 5-3:
CONFIGURATION REGISTER (ADDRESSES 03h AND 09h)
RW
RW
RW
RW
RW
RW
RW
RW
MASK
STANDBY
FAN_
STANDBY
DAC
DIS_TO
ALT_ TCH
TCRIT
OVRD
QUEUE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
MSKAL: Masks the ALERT/TACH pin functionality when the device is configured as an ALERT output
in Interrupt Mode. This bit is ignored if the ALERT/TACH pin is configured as an ALERT output in
Comparator Mode or if it is configured as a TACH input.
The internal error condition flags are not affected by setting the MASK bit. Therefore, if the MASK bit is
set manually (instead of by reading the Status Register or sending the ARA command), and it is
cleared, the ALERT/TACH pin may be reasserted without any apparent error conditions present. It is
not recommended that the MASK bit be manually set to clear the ALERT/TACH pin.
1 = The ALERT/TACH pin will be masked and will not generate an interrupt. The Status Register will
still be updated normally.
0 = (default) The ALERT/TACH pin will be asserted if any bit is set in the Status Register. Once the pin
is asserted, it will remain asserted.
bit 6
STANDBY: Determines operational mode of the device.
1 = Low power standby mode. In this mode, the Temperature monitor is disabled and the Fan drivers
may be disabled depending on the status of the FAN_STANDBY bit.
0 = (default) Operational mode, monitoring temperatures, updating FAN output.
bit 5
FAN_STANDBY: Determines the operation of the FAN driver when the device is put into low power
standby mode.
1 = FAN output will be inactive when the STANBDY bit is set. The driver will be set at the default drive
based on the pull-up resistors on the ALERT/TACH pin (see Table 4-1).
0 = (default) FAN output will remain active when the STANDBY bit is set.
bit 4
DAC: Determines FAN output mode.
1 = DAC output enabled at FAN pin.
0 = (default) PWM output enabled at FAN pin.
bit 3
DIS_TO: Disables the SMBus Time-out functionality.
1 = The SMBus Time-out functionality is disabled. The client block will only reset if it receives a STOP
bit.
0 = (default) The SMBus Time-out functionality is enabled and will reset the client block if the clock is
held in a single state for more than 25 ms and less than 35 ms.
bit 2
ALT_TCH: Determines the functionality of the ALERT/TACH pin.
1 = The ALERT/TACH pin will function as a high impedance TACH input. This may require an external
pull-up resistor to set the proper signaling levels
0 = (default) The ALERT/TACH pin will function as an open drain, active low interrupt.
bit 1
TCRITOVRD: Allows the TCRIT limit to be overridden.
1 = The TCRIT limit is unlocked for modification. The TCRIT limit can only be changed once. To adjust
TCRIT again, a power cycle is required.
0 = (default) TCRIT limit is set to default value and locked.
bit 0
QUEUE: Sets the number of external diode over-temp measurements required to assert
ALERT/TACH pin.
1 = ALERT/TACH pin is asserted (and status bit set) after three consecutive external temperature
measurements exceed the high limit or the TCRIT limit or drop below the low limit.
0 = (default) ALERT/TACH pin is asserted (and status bit set) after one external temperature
measurement exceeds the high limit or the TCRIT limit or drops below the low limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com