Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 35 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 35 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 31Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 32Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 33Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 34Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 35Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 36Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 37Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 38Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 35
EMC2101
5.18
Fan Setting Register
The Fan Setting Register drives the fan driver when the
Fan Control Look-Up Table is not used (see
Section 5.16 “Fan Configuration Register”). Any
data written to the Fan Setting registers is applied
immediately to the fan driver (PWM or DAC). When the
Fan Control Look-Up Table is being used, any writes to
this register will be ignored. If the Fan Control Look-Up
Table is disabled, then the fan drive will be set at the
last value that was used by the Fan Control Look-Up
Table.
When the Fan Control Look-Up Table Registers are
being used, the register is read-only.
The register applies to the fan driver in both PWM and
DAC operating modes. The DAC output is determined
by Equation 5-3 below.
EQUATION 5-3:
These values are independent of the POLARITY bit
(see Section 5.16 “Fan Configuration Register”s).
Therefore, a value of 00h in the Fan Setting Register
will always refer to minimum output drive while a setting
of 3Fh in the Fan Setting Register will always refer to
maximum output drive.
The output of the DAC driver is dependent upon the
current load. With a low current load, the output will be
from 0V to an LSB (approximately 52 mV at
VDD =3.3V) below VDD with a maximum of 64 linear
steps.
TABLE 5-5:
SPIN-UP DRIVE
SPIN_DRIVE[1:0]
Spin-Up Drive
10
00
0 - Spin-Up Cycle bypassed
01
50% (half drive)
10
75% (3/4 drive)
11
100% (full drive) (default)
TABLE 5-6:
SPIN-UP TIME
SPIN_TIME[2:0]
Spin-Up Time
21
0
00
0
0 - Spin-Up Cycle bypassed
00
1
0.05 sec.
01
0
0.1 sec.
01
1
0.2 sec.
10
0
0.4 sec.
10
1
0.8 sec.
11
0
1.6 sec.
11
1
3.2 sec. (default)
REGISTER 5-16:
FAN SETTING REGISTER (ADDRESS 4Ch)
Address
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
4Ch
R/W
(see text)
Fan Setting
—
—
32
16
8421
00h
FAN
FAN_SETTING
64
---------------------------------------

 V
DD
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com