Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 6 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 6 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 2Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 3Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 4Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 5Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 6Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 7Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 8Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 9Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
EMC2101
DS20006703A-page 6
 2022 Microchip Technology Inc. and its subsidiaries
Timing
Loading Delay
tDLY
—
10
—
ms
Delay after power-up until EEPROM
loading begins. (See Section 2.9
“Programming from EEPROM”)
Loading Time
tLOAD
—50
—
ms
Clock Frequency
fSMB
—
50
—
kHz
Spike Suppression
tSP
——
50
ns
Bus free time Start to
Stop
tBUF
1.3
—
—
µs
Hold Time: Start
tHD:STA
0.6
—
—
µs
Setup Time: Start
tSU:STA
0.6
—
—
µs
Setup Time: Stop
tSU:STO
0.6
—
—
µs
Data Hold Time
tHD:DAT
0.3
—
—
µs
Data Setup Time
tSU:DAT
100
—
—
ns
Clock Low Period
tLOW
1.3
—
—
µs
Clock High Period
tHIGH
0.6
—
—
µs
Clock/Data Fall Time
tFALL
—
—
300
ns
Min = 20+0.1 CLOAD ns
Clock/Data Rise Time
tRISE
—
—
300
ns
Min = 20+0.1 CLOAD ns
Capacitive Load
CLOAD
—
—
400
pF
Per bus line
TABLE 1-3:
EEPROM LOADER ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise specified VDD = 3.0V to 3.6V, TA = 0°C to +85°C,
all typical values at TA = +27°C
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com