Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 14 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 14 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 10Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 11Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 12Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 13Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 14Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 15Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 16Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 17Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
EMC2101
DS20006703A-page 14
 2022 Microchip Technology Inc. and its subsidiaries
4.4.1
ALERT/TACH AS A TEMPERATURE
COMPARATOR
When the ALERT/TACH pin is used as a temperature
comparator, the ALERT/TACH output is asserted when
an out of limit measurement (> high limit, < low limit or
> TCRIT limit) is detected on any diode (low limits only
apply to the external diode channel) or when the
external diode connections are open. When the
condition is no longer true, the ALERT/TACH output will
deassert. Reading from the Status Register will cause
the ALERT/TACH pin to be released however it will not
prevent it from being re-asserted based on the
temperature comparisons.
Setting the MASK bit will not affect the ALERT/TACH
pin when it is configured as a temperature comparator,
however the individual channel mask bits will block the
ALERT/TACH pin from being asserted.
4.4.2
ALERT/TACH AS AN INTERRUPT
When the ALERT/TACH pin is used as an interrupt
signal the pin is asserted whenever an out-of-limit
condition is detected. The ALERT/TACH pin will remain
asserted until it is cleared even if the error condition is
removed.
4.4.3
MASK BIT
The MASK bit behaves differently depending on which
mode the ALERT/TACH pin is configured to operate in.
If the EMC2101 is configured with the ALERT/TACH
pin operating in Interrupt Mode, the MASK bit will be set
in the following cases:
1.
Automatically after the Status Register has been
read if any bits in the Status Register have been
set,
except
BUSY
and
FAULT
(see
Register 5-2).
2.
Automatically when the EMC2101 responds to
an Alert Response Address (ARA) command on
an SMBus and the ALERT/TACH pin is
asserted. The ARA command does not clear the
Status Register. If the MASK bit is cleared prior
to reading and clearing the Status Register, then
the ALERT/TACH pin will be asserted.
3.
Directly via the SMBus.
In Interrupt Mode, the MASK bit will block the ALERT/
TACH pin from being asserted in response to an error
condition.
If the EMC2101 is configured with the ALERT/TACH
pin operating in Comparator Mode, the MASK bit can
only be set via the SMBus. In this mode, setting the
MASK bit will not affect the ALERT/TACH pin.
In either mode, setting the individual channel mask bits
will block the appropriate channel from asserting the
ALERT/TACH pin.
10 kΩ ±5%
Host Load via SMBus
FAN output initialize to 0% Duty Cycle
0
18 kΩ ±5%
Auto Load via EEPROM
FAN output initialize to 100% Duty Cycle
1
33 kΩ ±5%
Auto Load via EEPROM
FAN output initialize to 0% Duty Cycle
0
TABLE 4-1:
ALERT/TACH PULL-UP RESISTORS SMBus/FAN MODE FOR EMC2101-R
(CONTINUED)
ALERT/TACH
Pull-up Resistor
SMBus Mode
FAN Mode
Polarity Bit Setting
(See Section 5.16, Fan
Configuration
Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com