Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 12 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 12 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 8Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 9Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 10Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 11Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 12Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 13Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 14Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 15Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
EMC2101
DS20006703A-page 12
 2022 Microchip Technology Inc. and its subsidiaries
4.0
GENERAL DESCRIPTION
The EMC2101 is an environmental monitoring device
with a selectable PWM or DAC fan driver output, one
external temperature monitoring channel and one
internal temperature monitor. It contains advanced
circuitry to remove errors induced by series resistance
and CPU thermal diode process differences to provide
accurate temperature measurements and accurate fan
control.
Thermal management is performed automatically. The
EMC2101 reads the temperature from both the
external and internal temperature diodes and uses the
external temperature data to control the fan speed.
The FAN output can be configured as a PWM (default)
or DAC output. The PWM fan driver uses an eight entry
look up table to create a programmable temperature
response. The DAC output provides a linear drive for
the system fan circuit using this same look up table.
Each
temperature
measurement
channel
is
continuously compared against programmed high
limits. The external diode channel is compared against
a programmed low limit. ALERT/TACH interrupt pin is
asserted if the measured value exceeds the high limit
or drops below the low limit. In addition, the external
diode contains a programmable critical temperature,
TCRIT. If the measured temperature exceeds this
TCRIT an interrupt is asserted on the ALERT/TACH pin
and the fan is set to full on.
Finally, the EMC2101-R (only) has two configuration
modes and two default fan settings based on the value
of the pull-up-resistor on the ALERT/TACH pin. In the
Manual Configuration Mode, the device acts as an
SMBus client and waits to be configured by the system
SMBus host. In the Automatic Configuration mode, the
device automatically queries the SMBus for an
EEPROM
device
and
uploads
configuration
information from the EEPROM into its internal
registers.
Figure 4-1 shows a system level block diagram of the
EMC2101. Figure 4-2 shows a system level block
diagram of the EMC2101-R.
FIGURE 4-1:
System Diagram for EMC2101.
FIGURE 4-2:
System Diagram for EMC2101-R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com