Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 16 Page - Microchip Technology

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Datasheet(HTML) 16 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 12Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 13Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 14Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 15Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 16Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 17Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 18Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 19Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
EMC2101
DS20006703A-page 16
 2022 Microchip Technology Inc. and its subsidiaries
The external temperature diodes can be connected as
shown in Figure 4-4.
FIGURE 4-4:
External Diode Configurations.
4.5.1
TEMPERATURE MEASUREMENT
RESULTS AND DATA
The results of the internal and external temperature
measurements are stored in the internal and external
temperature registers respectively. These are then
compared with the values stored in the High Limit
Registers. The internal temperature measurements are
stored in 8-bit format while the external temperature
measurements are stored in 11-bit format.
The EMC2101 measures temperatures from -64°C to
+127°C represented as a binary two’s complement
number. Internal temperatures are in +1°C steps,
external temperatures are in +0.125°C steps.
Table 4-2 shows the temperature format for the
external diode and Table 4-3 shows the temperature
format for the internal diode.
TABLE 4-2:
EMC2101 EXTERNAL TEMPERATURE DATA FORMAT
Temperature (°C)
Digital Output (Binary)
≤ -64
1100 0000 000
-55
1100 1001 000
-1
1111 1111 000
-0.125
1111 1111 111
+0
0000 0000 000
+0.125
0000 0000 001
+1
0000 0001 000
+25
0001 1001 000
+125
0111 1101 000
≥ +127.875
0111 1111 110
Diode Fault (Open condition)
0111 1111 000
Diode Fault (Short condition)
0111 1111 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com